Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58018UMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58018UMGTR
Description  ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58018UMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY58018UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY58018UMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Precision Edge®
SY58018U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCC = 3.3V, VIN = 100mV, TA = 25°C, unless otherwise stated.
170
172
174
176
178
180
182
184
186
188
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Propagation Delay
vs. Temperature
160
161
162
163
164
165
166
100 200 300 400 500 600 700 800
INPUT VOLTAGE SWING (mV)
Propagation Delay
vs. Input Voltage Swing
0
100
200
300
400
500
600
700
800
0123456789 10
FREQUENCY (GHz)
Output Amplitude
vs. Frequency


Similar Part No. - SY58018UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018UMGTR MICREL-SY58018UMGTR Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
More results

Similar Description - SY58018UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com