Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58021U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58021U
Description  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58021U_07 Datasheet HTML 1Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 2Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 3Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 4Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 5Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 6Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 7Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 8Page - Micrel Semiconductor SY58021U_07 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Precision Edge®
SY58021U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (V
CC ) ...................... –0.5V to +4.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
LVPECL Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Source or sink current on VT pin
VT Current .......................................................... ±100mA
Source or sink current on IN, /IN
Input Current ........................................................
±50mA
Source or sink current on V
REF-AC
(4)
VREF Current ....................................................... ±1.5mA
Soldering, (20 seconds) ............................................ 260
°C
Storage Temperature Range (TS) ............ –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (V
CC) ................. +2.375V to +3.60V
Operating Temperature Range (TA) ........... –40°C to +85°C
Package Thermal Resistance
MLF® (
θ
JA)
Still-Air ............................................................. 60
°C/W
500 lpfm ........................................................... 54
°C/W
MLF® (
ψ
JB)
Junction-to-Board Resistance(3) ...................... 33
°C/W
T
A= –40°C to 85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V
2.375
2.5
2.625
V
VCC = 3.3V
3.0
3.3
3.60
V
ICC
Power Supply Current
No load, VCC = max.
125
160
mA
VIH
Input HIGH Voltage
IN, /IN
V
CC–1.2
V
CC
V
VIL
Input LOW Voltage
IN, /IN
0
V
IH –0.1
V
VIN
Input Voltage Swing
IN, /IN; see Figure 1a.
0.1
1.7
V
V
DIFF_IN
Differential Input Voltage Swing
IN, /IN; see Figure 1b.
0.2
3.4
V
RIN
IN-to-VT Resistance
40
50
60
VT IN
IN-to-VT Voltage
1.28
V
VREF-AC
Output Reference Voltage
V
CC–1.30 VCC–1.2
V
CC–1.1
V
INPUT DC ELECTRICAL CHARACTERISTICS(5)
V
CC = 3.3V ±10% or 2.5 ±5%; RL= 50Ω to VCC–2V; TA= –40°C to 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
V
CC–1.145
V
CC–0.895
V
VOL
Output LOW Voltage
V
CC–1.945
V
CC–1.695
V
VOUT
Output Voltage Differential Swing
see Figure 1a.
550
780
1050
mV
VDIFF_OUT
Differential Output Voltage Swing
see Figure 1b.
1100
1560
2100
mV
Notes:
1. Permanent device damage may occur if ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and functional
operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal performance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
4. Due to the limited drive capability, use for input of the same package only.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY58021U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021UMG MICREL-SY58021UMG Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMG MICREL-SY58021UMG Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021UMG MICREL-SY58021UMG Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021UMGTR MICREL-SY58021UMGTR Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMGTR MICREL-SY58021UMGTR Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
More results

Similar Description - SY58021U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com