Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBF2805SH Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # BBF2805SH
Description  20W DC-DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2805SH Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

Back Button BBF2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 9Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 10Page - M.S. Kennedy Corporation BBF2805SH Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
APPLICATION NOTES
POWER SUPPLIES
The output voltage of the BBF2800S may be adjusted from
90% to 110% of nominal value by the use of a 50K
Ω potenti-
ometer as shown. Adjustment beyond this range is possible
however certain characteristics of the converter such as but
not limited to input voltage range, efficiency, ripple and tem-
perature performance will change. Characterization by the user
is recommended in such applications.
Adjust/comp (pin 4) may be driven by external circuitry refer-
enced to pin 8 (-output sense) if desired.
Grounding pin 4
causes output voltage to increase (25% typically) while driving
pin 4 above 1.3V causes output voltage to decrease. Pin 4
may be driven through 10K
Ω or more if connection of the comp
function is also required.
The comp function of pin 4 allows transient response and
phase margin to be tailored to suit a specific application. This
feature may be utilized by connecting a small (1-500nF) capaci-
tor between pins 4 and 6 or 7. This is generally recommended
when very large low ESR load capacitances are used.
Rev. F 12/06
7
SHUTDOWN PLUS
Pin 2 is used for remote shutdown, output fault detection,
and/or setting the input voltage point at which the converter
will turn on as shown in the typical application diagram. No
connection to pin 2 is necessary for normal operation of the
converter. Pin 2 is referenced to pin 12 (-input).
Shutdown may be implemented by simply connecting pin 2
to an open collector logic output or switch rated at 2.5mA,
25Vdc or higher.
Input voltage turn on point is programmed with a single resis-
tor from pin 2 to 12. An input turn on/off hysteresis (typically
3.5% of Vin) will be observed. This should be considered when
making or verifying set point adjustment.
The value of the
setpoint resistor may be determined by the following:
R=
(±10% accuracy at 25°C)
Set point temperature coefficient is typically +400ppm/°C.
Output fault monitoring is accomplished by observing pin 2 with
a high impedance monitoring circuit. Pin 2 voltage drops from
over 10V to below 1V when a load fault causes the converters
fault protection circuitry to activate. It will remain low for at
least 100mS and return high. If the load fault is still present pin
2 will return low and the cycle will repeat. If there is no input
setpoint programming resistor already in place a resistor
>400K
Ω from pin 2 to 12 will provide pin 2 pull down.
210·10³
ETO-9.5
MULTIPLE CONVERTER SYNCHRONIZATION
Synchronized operation of up to three BBF2800S series con-
verters may be accomplished without external components. One
unit selected to be the master is connected normally with pin
10 grounded. The clock output pin 3 will provide the sync sig-
nal for up to two slave units. The slave units have pin 10 not
connected and receive the clock signal into pin 11. The clock
signal lines may be shielded to prevent radiation. A separate 50
ohm coax to each slave unit is recommended in order to pre-
serve signal integrity. Shield ends should be connected to pin
12 of the nearest converter.
BBF2800S converters may also be synchronized to an exter-
nal 500 KHz (+/- 5%) frequency source driving pin 11 of the
converters. Pin 10 is not connected. The converters synchronize
to the positive edge of the frequency source allowing a variety
of wave forms (pulse, square, spike) to be used. Pin 11 is
internally capacitively coupled allowing unipolar or bipolar fre-
quency sources to be used. The source should have a waveform
rise time of 20 ns or less and be capable of driving at least 4 volts
peak into each 50 ohm pin 11 input (50 volts peak max).
An externally synchronized unit may be used to synchronize
other (slave) units. The slave units may be used in turn to
synchronize other slave units from their pin 3 outputs. Each
“generation” of slave units has a delay (100-200ns typical) from
the unit that it is synchronizing to.


Similar Part No. - BBF2805SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2805 MSK-BBF2805 Datasheet
282Kb / 11P
   20W DC-DC CONVERTERS
BBF2805E MSK-BBF2805E Datasheet
282Kb / 11P
   20W DC-DC CONVERTERS
BBF2805H MSK-BBF2805H Datasheet
282Kb / 11P
   20W DC-DC CONVERTERS
More results

Similar Description - BBF2805SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2812S MSK-BBF2812S Datasheet
282Kb / 11P
   20W DC-DC CONVERTERS
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
   20W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
MicroPower Direct, LLC
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
   Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com