Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHC2803SH Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # DHC2803SH
Description  6W DC-DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHC2803SH Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

  DHC2803SH Datasheet HTML 1Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 2Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 3Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 4Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 5Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 6Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 7Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 8Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6572
www.mskennedy.com
Rev. G 8/06
ORDERING INFORMATION
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED
ESD TRIANGLE INDICATES PIN 1
9
Screening Level
DHC2803S
DHC2803SE
DHC2803SH
DHC2805S
DHC2805SE
DHC2805SH
5962-93092
5962-94629
Part
Number
Industrial
Extended Reliability
Mil-PRF-38534 Class H
Industrial
Extended Reliability
Mil-PRF-38534 Class H
DSCC-SMD for DHC2805S
DSCC-SMD for DHC2805S
Output
Voltage
3.3V
5.0V
CONTAINS INTERNAL BeO (BERYLLIUM OXIDE)
WEIGHT= 14.5 GRAMS TYPICAL


Similar Part No. - DHC2803SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803SH MSK-DHC2803SH Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
DHC2803SH ANAREN-DHC2803SH Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
More results

Similar Description - DHC2803SH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
DAC2800D MSK-DAC2800D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
logo
MicroPower Direct, LLC
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
   Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com