Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58026UMI Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58026UMI
Description  ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58026UMI Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58026UMI Datasheet HTML 1Page - Micrel Semiconductor SY58026UMI Datasheet HTML 2Page - Micrel Semiconductor SY58026UMI Datasheet HTML 3Page - Micrel Semiconductor SY58026UMI Datasheet HTML 4Page - Micrel Semiconductor SY58026UMI Datasheet HTML 5Page - Micrel Semiconductor SY58026UMI Datasheet HTML 6Page - Micrel Semiconductor SY58026UMI Datasheet HTML 7Page - Micrel Semiconductor SY58026UMI Datasheet HTML 8Page - Micrel Semiconductor SY58026UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Precision Edge®
SY58026U
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to 85°C unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
–175
75
µA
IIL
Input LOW Current
VIL = 0V
–300
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to +85°C; RL = 50Ω to VCC –2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage
VCC–1.145
VCC–0.895
V
Q, /Q
VOL
Output Low Voltage
VCC–1.945
VCC–1.695
V
Q, /Q
VOUT
Output Voltage Swing
See Figure 1a.
550
800
mV
Q, /Q
VDIFF-OUT
Differential Output Voltage Swing
See Figure 1b.
1100
1600
mV
Q, /Q
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS(6)


Similar Part No. - SY58026UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026UMI MICREL-SY58026UMI Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMITR MICREL-SY58026UMITR Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58026UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com