Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5745 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 3Page - ATMEL Corporation ATA5745 Datasheet HTML 4Page - ATMEL Corporation ATA5745 Datasheet HTML 5Page - ATMEL Corporation ATA5745 Datasheet HTML 6Page - ATMEL Corporation ATA5745 Datasheet HTML 7Page - ATMEL Corporation ATA5745 Datasheet HTML 8Page - ATMEL Corporation ATA5745 Datasheet HTML 9Page - ATMEL Corporation ATA5745 Datasheet HTML 10Page - ATMEL Corporation ATA5745 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
Conditions for the sensitivity measurement:
The given sensitivity values are valid for Manchester-modulated signals. For the sensitivity mea-
surement the distance from edge to edge must be evaluated. As can be seen in Figure 6-1 on
page 24, in a Manchester-modulated data stream, the time segments T
EE and 2 × TEE occur.
To reach the specified sensitivity for the evaluation of T
EE and 2 × TEE in the data stream, the
following limits should be used (T
EE min, TEE max, 2 × TEE min, 2 × TEE max).
2.3
Sensitivity Versus Supply Voltage, Temperature and Frequency Offset
To calculate the behavior of a transmission system, it is important to know the reduction of the
sensitivity due to several influences. The most important are frequency offset due to crystal
oscillator (XTO) and crystal frequency (XTAL) errors, temperature and supply voltage depen-
dency of the noise figure, and IF-filter bandwidth of the receiver. Figure 2-2 and Figure 2-3 on
page 8 show the typical sensitivity at 315 MHz, ASK, 2.4 Kbits/s and 9.6 Kbits/s, Manchester,
Figure 2-4 and Figure 2-5 on page 9 show a typical sensitivity at 315 MHz, FSK, 2.4 Kbits/s and
9.6 Kbits/s, ±38 kHz, Manchester versus the frequency offset between transmitter and receiver
at T
amb = –40°C, +25°C, and +105°C and supply voltage VS = VS3V_AVCC = VS5V = 2.7V,
3.0V and 3.3V.
Table 2-3.
Measured Typical Sensitivity FSK,
±38 kHz, Manchester, BER = 10–3
RF Frequency
BR_Range_0
1.0 Kbit/s
BR_Range_0
2.5 Kbits/s
BR_Range_1
5 Kbits/s
BR_Range_2
10 Kbits/s
BR_Range_3
10 Kbits/s
BR_Range_3
20 Kbits/s
315 MHz
–108 dBm
–108 dBm
–107 dBm
–105 dBm
–104 dBm
–104 dBm
433.92 MHz
–107 dBm
–107 dBm
–106 dBm
–104 dBm
–103 dBm
–103 dBm
Table 2-4.
Measured Typical Sensitivity 100% ASK, Manchester, BER = 10–3
RF Frequency
BR_Range_0
1.0 Kbit/s
BR_Range_0
2.5 Kbits/s
BR_Range_1
5 Kbits/s
BR_Range_2
10 Kbits/s
BR_Range_3
10 Kbits/s
315 MHz
–114 dBm
–114 dBm
–113 dBm
–111 dBm
–109 dBm
433.92 MHz
–113 dBm
–113 dBm
–112 dBm
–110 dBm
–108 dBm
Table 2-5.
Limits for Sensitivity Measurements
Bit Rate
T
EE Min
T
EE Typ
T
EE Max
2
× T
EE Min
2
× T
EE Typ
2
× T
EE Max
1.0 Kbit/s
260 µs
500 µs
790 µs
800 µs
1000 µs
1340 µs
2.4 Kbits/s
110 µs
208 µs
310 µs
320 µs
416 µs
525 µs
5.0 Kbits/s
55 µs
100 µs
155 µs
160 µs
200 µs
260 µs
9.6 Kbits/s
27 µs
52 µs
78 µs
81 µs
104 µs
131 µs


Similar Part No. - ATA5745

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5745 ATMEL-ATA5745 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5745-PXPW ATMEL-ATA5745-PXPW Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5745-PXQW ATMEL-ATA5745-PXQW Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5745C ATMEL-ATA5745C_14 Datasheet
1Mb / 42P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5745

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com