Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58029UMITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58029UMITR
Description  ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58029UMITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY58029UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 10Page - Micrel Semiconductor SY58029UMITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Precision Edge®
SY58029U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCC = 2.5V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output-to-Output Skew
vs. Temperature
280
285
290
295
300
305
310
315
320
0
200 400 600 800 1000 1200
INPUT VOLTAGE (mV)
Propagation Delay
vs. Input Voltage
296
298
300
302
304
306
308
310
-60 -40 -20 0
20 40 60 80 100
TEMPERATURE (
°C)
Propagation Delay
vs. Temperature
0
100
200
300
400
500
600
700
800
0123456789 10
FREQUENCY (GHz)
Output Amplitude
vs. Frequency


Similar Part No. - SY58029UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029UMITR MICREL-SY58029UMITR Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029UMITR MICREL-SY58029UMITR Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results

Similar Description - SY58029UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com