Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58030UMITR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58030UMITR
Description  ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58030UMITR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58030UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58030UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Precision Edge®
SY58030U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 400mV (Typ.)
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 800mV (Typ.)
Figure 1b. Differential Voltage Swing
VCC = 2.5V ±5% or 3.3V ±10%; RL = 50ý to VCC–2V; TA= –40°C to +85°C, VIN ž 100mV, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ Data
10.7
Gbps
VOUT ž 200mV
Clock
7
GHz
tpd
Propagation Delay (Diff)
(IN to Q)
VIN ž 100mV
170
260
340
ps
(SEL to Q)
100
500
ps
tpd Tempco
Differential Propagation Delay
115
fs/°C
Temperature Coefficient
tSKEW
Output-to-Output Skew
Note 9
720
ps
Part-to-Part Skew
Note 10
50
ps
tJITTER
Data
Random Jitter
Note 11
2.5Gbps to 3.2Gbps
1
psPP
Deterministic Jitter
Note 12
2.5Gbps to 3.2Gbps
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 13
1psRMS
Total Jitter
Note 14
10
psPP
Crosstalk Induced Jitter
Note 15
0.7
psRMS
(Adjacent Channel)
tr, tf
Output Rise/Fall Time
20% to 80%, Full output swing
20
55
80
ps
Notes:
8. High frequency AC electricals are guaranteed by design and characterization.
9. Output-to-output skew is measured between outputs under identical input conditions.
10. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs.
11. Random jitter is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps to 3.2Gbps.
12. Deterministic jitter is measured at 2.5Gpbs to 3.2Gbps with both K28.5 and 223–1 PRBS pattern.
13. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn-Tn–1, where T is the time between rising edges of the output
signal.
14. Total jitter definition: with an ideal clock input of frequency - fMAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
15. Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs.
AC ELECTRICAL CHARACTERISTICS(8)


Similar Part No. - SY58030UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58030UMITR MICREL-SY58030UMITR Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results

Similar Description - SY58030UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com