Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58034UMI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58034UMI
Description  6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58034UMI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58034UMI Datasheet HTML 1Page - Micrel Semiconductor SY58034UMI Datasheet HTML 2Page - Micrel Semiconductor SY58034UMI Datasheet HTML 3Page - Micrel Semiconductor SY58034UMI Datasheet HTML 4Page - Micrel Semiconductor SY58034UMI Datasheet HTML 5Page - Micrel Semiconductor SY58034UMI Datasheet HTML 6Page - Micrel Semiconductor SY58034UMI Datasheet HTML 7Page - Micrel Semiconductor SY58034UMI Datasheet HTML 8Page - Micrel Semiconductor SY58034UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Precision Edge®
SY58034U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to 85°C, RL= 100Ω across each output pair, or equivalent, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
Clock VOUT ≥ 200mV
6
7.5
GHz
tpd
Differential Propagation Delay
(IN0 or IN1-to-Q)
140
220
290
ps
(SEL-to-Q)
100
200
400
ps
∆tpd Tempco
Differential Propagation Delay
65
fs/°C
Temperature Coefficient
tSKEW
Output-to-Output
Note 8
20
ps
Part-to-Part
Note 9
100
ps
tJITTER
Clock
Cycle-to-Cycle Jitter
Note 10
1psRMS
Random Jitter (RJ)
Note 11
1psRMS
Total Jitter (TJ)
Note 12
10
psPP
Adjacent Channel
Note 13
Crosstalk-Induced Jitter
0.7
psRMS
tr, tf
Output Rise/Fall Time
Full swing, 20% to 80%
20
60
ps
Notes:
7. High frequency AC electricals are guaranteed by design and characterization.
8. Output-to-output skew is measured between outputs under identical transitions.
9. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs.
10. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output
signal.
11. Random jitter is measured with a K28.7 pattern, measured at 2.5Gbps.
12. Total jitter definition: with an ideal clock input of frequency ≤ fMAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
13. Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs.
AC ELECTRICAL CHARACTERISTICS(7)
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 400mV (Typ.)
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 800mV (Typ.)
Figure 1b. Differential Voltage Swing


Similar Part No. - SY58034UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58034UMI MICREL-SY58034UMI Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034UMITR MICREL-SY58034UMITR Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58034UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com