Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58037UMITR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58037UMITR
Description  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58037UMITR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58037UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 10Page - Micrel Semiconductor SY58037UMITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY58037U
Micrel
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 400mV (Typ.)
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 800mV (Typ.)
Figure 1b. Differential Voltage Swing
INPUT AND OUTPUT STAGES
50Ω
50Ω
VCC
GND
/IN
VT
IN
Figure 2a. Simplified Differential
Input Stage
50
50
VCC
GND
Q
/Q
ZO = 50Ω
100mA
ZO = 50Ω
100
Figure 2b. CML DC-Coupled
(100
Termination)
50
50
VCC
GND
Q
/Q
ZO = 50Ω
100mA
ZO = 50Ω
DC bias
per application
Figure 2c. CML AC-Coupled
(50
Termination)


Similar Part No. - SY58037UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58037UMITR MICREL-SY58037UMITR Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results

Similar Description - SY58037UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com