Selected language     English  ▼


SY58040U_07 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY58040U_07
Description  ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 6 page
background image
6
SY58040U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to +85°C, RL = 100Ω across each output pair, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ data
5
Gbps
VOUT ≥ 200mV
Clock
3
GHz
tpd
Differential Propagation Delay
IN-to-Q
150
225
350
ps
CONFIG-to-Q
500
ps
∆tpd Tempco
Differential Propagation Delay
225
fs/°C
Temperature Coefficient
tS
Set-Up Time
SIN-to-LOAD
800
ps
SOUT-to-LOAD
800
ps
LOAD-to-CONFIG
800
ps
CONFIG-to-LOAD
950
ps
tH
Hold Time
LOAD-to-SIN, LOAD-to-SOUT
800
ps
tSKEW
Output-to-Output Skew
Note 9
25
ps
Part-to-Part Skew
Note 10
150
ps
tJITTER
Data
Random Jitter (RJ)
Note 11
1psRMS
Deterministic Jitter (DJ)
Note 12
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 13
1psRMS
Total Jitter (TJ)
Note 14
10
psPP
Crosstalk-induced Jitter
Note 15
0.7
psRMS
tr, tf
Output Rise/Fall Time
At full output swing, 20% to 80%.
20
40
60
ps
Notes:
8. High-frequency AC-parameters are guaranteed by design and characterization.
9. Output-to-output skew is measured between two different outputs under identical input transitions.
10. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs
11. Random jitter is measured with a K28.7 character pattern, measured at <fMAX.
12. Deterministic jitter is measured at 2.5Gbps/3.2Gbps, with both K28.5 and 223–1 PRBS pattern.
13. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising
edges of the output signal.
14. Total jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
15. Crosstalk induced jitter is defined as the added jitter that results from signals applied to two adjacent channels. It is measured at the output while
applying two similar differential clock frequencies that are asynchronous with respect to each other at the inputs.
AC ELECTRICAL CHARACTERISTICS(8)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY58025U_07ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58037UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY58038U_07ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58017U_07ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58011U7GHz 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58020U_076GHz 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl