Selected language     English  ▼


SY58040U_07 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY58040U_07
Description  ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 1 page
background image
1
SY58040U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
Rev.: D
Amendment: /0
Issue Date:
February 2007
DESCRIPTION
■ Provides crosspoint switching between any input
pair to any output pair
■ Guaranteed AC performance over temperature and
voltage:
• DC to >5Gbps throughput
• <350ps propagation delay
• <60ps tr /tf times
• <25ps skew (output-to-output)
■ Unique, patent-pending, channel-to-channel
isolation design provides superior crosstalk
performance
■ Ultra-low jitter design:
• <1psRMS random jitter
• <10psPP deterministic jitter
• <10psPP total jitter (clock)
• <0.7psRMS crosstalk-induced jitter
■ Unique, patent-pending, 50input termination
extended CMVR, and VT pin accepts DC- and AC-
coupled differential inputs
■ 400mV CML output swing
■ 50source terminated outputs minimize round-trip
reflections
■ Power supply 2.5V ±5% or 3.3V ±10%
■ –40°C to +85°C temperature range
■ Available in 44-pin (7mm ×
×
×
×
× 7mm) MLF® package
■ Pb-Free green package
FEATURES
ULTRA PRECISION 4×
×
×
×
×4 CML
SWITCH WITH INTERNAL
I/O TERMINATION
Precision Edge®
SY58040U
APPLICATIONS
■ Data communication systems
■ All SONET/SDH data/clock applications
■ All Fibre Channel applications
■ All Gigabit Ethernet applications
The SY58040U is a low jitter, low skew, high-speed 4×4
crosspoint switch optimized for precision telecom and
enterprise server/storage distribution applications. The
SY58040U distributes clock frequencies from DC to 4GHz,
and data rates to 5Gbps guaranteed over temperature and
voltage.
The SY58040U differential input includes Micrel’s unique,
3-pin input termination architecture that directly interfaces
to any differential signal (AC or DC-coupled) as small as
100mV (200mVpp) without any level shifting or termination
resistor networks in the signal path. The outputs are 50Ω
source-terminated CML with extremely fast rise/fall times
guaranteed to be less than 60ps.
The SY58040U features a patent-pending isolation design
that significantly improves on channel-to-channel crosstalk
performance.
The SY58040U operates from a 2.5V ±5% or 3.3V ±10%
supply and is guaranteed over the full industrial temperature
range of –40°C to +85°C. The SY58040U is part of Micrel’s
high-speed, Precision Edge® product line.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Precision Edge is a registered trademark of Micrel, Inc.
MLF and
MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Precision Edge®




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY58025U_07ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58037UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY58038U_07ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58017U_07ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58011U7GHz 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58020U_076GHz 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl