Selected language     English  ▼


SY58040U_07 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY58040U_07
Description  ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 2 page
background image
2
SY58040U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL BLOCK DIAGRAM
Q0
/Q0
Q1
/Q1
SIN0 (CMOS/TTL)
SIN1 (CMOS/TTL)
SOUT0 (CMOS/TTL)
IN0
/IN0
VT0
50
50
VREF-AC0
0
1
2
3
IN1
/IN1
VT1
50
50
VREF-AC1
0
1
2
3
Q2
/Q2
IN2
/IN2
VT2
50
50
VREF-AC2
0
1
2
3
Q3
/Q3
IN3
/IN3
VT3
50
50
VREF-AC3
0
1
2
3
Control
Logic
SOUT1 (CMOS/TTL)
CONF (CMOS/TTL)
LOAD (CMOS/TTL)
TRUTH TABLES
Input Select Address Table
SIN1
SIN0
INPUT
00
IN0
01
IN1
10
IN2
11
IN3
Output Select Address Table
SOUT1
SOUT0
OUTPUT
00
Q0
01
Q1
10
Q2
11
Q3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY58025U_07ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58037UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY58038U_07ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58017U_07ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58011U7GHz 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58020U_076GHz 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl