Selected language     English  â–Ľ


SY58040U_07 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY58040U_07
Description  ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 3 page
background image
3
SY58040U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
SY58040U
Type
Range
Marking
Finish
SY58040UMI
MLF-44
Industrial
SY58040U
Sn-Pb
SY58040UMITR(2)
MLF-44
Industrial
SY58040U
Sn-Pb
SY58040UMG(3)
MLF-44
Industrial
SY58040U Pb-Free
Pb-Free,
bar-line indicator
Green NiPdAu
SY58040UMGTR(2, 3)
MLF-44
Industrial
SY58040U Pb-Free
Pb-Free,
bar-line indicator
Green NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.
Pin Number
Pin Name
Pin Function
17, 15,
IN0, /IN0
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs accept
10, 8,
IN1, /IN1
AC or DC-coupled signals as small as 100mV. Each pin of a pair internally terminates to a VT pin
4, 2,
IN2, /IN2
through 50Ω. Note that these inputs will default to an indeterminate state if left open. Please refer to
41, 39
IN3, /IN3
the “Input Interface Applications” section for more details.
16, 9,
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The VT
3, 40
VT2, VT3
pins provide a center-tap to a termination network for maximum interface flexibility. See “Input
Interface Applications” section for more details.
14,
VRef_AC0
Reference Voltage: This output biases to VCC–1.2V. It is used when AC coupling the inputs.
11,
VRef_AC1
Connect VRef-AC output pin to the VT input pin. Bypass each VRef-AC pin with a 0.01µF low ESR
1,
VRef_AC2
capacitor to VCC. See “Input Interface Applications” section for more details.
42
VRef_AC3
18
SIN0
These single-ended TTL/CMOS-compatible inputs address the data inputs. Note that these inputs
19
SIN1
are internally connected to a 25kΩ pull-up resistor and will default to a logic HIGH state if left open.
38
SOUT0
These single-ended TTL/CMOS-compatible inputs address the data outputs. Note that these inputs
37
SOUT1
are internally connected to a 25kΩ pullup resistor and will default to a logic HIGH state if left open.
5
CONF,
These single-ended TTL/CMOS compatible inputs control the transfer of the addresses to the
7
LOAD
internal multiplexers. See “Address Tables” and “Timing Diagram” sections for more details. Note
that these inputs are internally connected to a 25kΩ pull-up resistor and will default to a logic HIGH
state if left open.
Configuration Sequence
1. Load: Loads configuration into buffer, while Configuration Buffer holds existing switch configuration.
2. Configuration: Loads new configuration into the Configuration Buffer and updates switch configuration.
Buffer Mode
The SY58040U defaults to buffer mode (IN-to-Q) if the load and configuration control signals are
floating.
23, 24,
Q0, /Q0,
Differential Outputs: These CML output pairs are the outputs of the device. Please refer to the truth
26, 27,
Q1, /Q1,
table below for details. Unused output pairs may be left open. Each output is designed to drive
29, 30
Q2, /Q2,
400mV into 100Ω across the pair, or 50Ω to VCC.
32, 33
Q3, /Q3,
6, 22, 25,
VCC
Positive power supply. Bypass with 0.1µF//0.01µF low ESR capacitors and place as close to each
28, 31, 34
VCC pin.
12, 13, 20, 21,
GND,
Ground. GND and EPad must both be connected to most negative potential of chip ground.
35, 36, 43, 44 Exposed pad
PIN DESCRIPTION
1
2
3
4
5
6
7
8
33
32
31
30
29
28
27
26
12 13 14 15 16 17 18 19
44 43 42 41 40 39 38 37
VREF-AC2
/IN2
VT2
IN2
CONFIG
VCC
LOAD
/IN1
/Q3
Q3
VCC
/Q2
Q2
VCC
/Q1
Q1
9
10
11
25
24
23
20 21 22
35
VT1
IN1
VREF-AC1
VCC
/Q0
Q0
36
34
44-Pin MLF® (MLF-44)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY58025U_07ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58037UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY58038U_07ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58017U_07ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58011U7GHz 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58020U_076GHz 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl