Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58037UMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58037UMGTR
Description  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58037UMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58037UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58037UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Precision Edge®
SY58037U
Micrel
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC ) ...................... –0.5V to +4.0V
Input Voltage (VIN) ......................................... –0.5V to VCC
LVPECL Output Current (IOUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Termination Current(3)
Source or sink current on VT pin ........................ ±100mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature Range (TS ) ........... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (VCC) ............... +2.375V to +2.625V
............................................................ +3.0V to +3.6V
Ambient Temperature Range (TA) ............. –40°C to +85°C
Package Thermal Resistance(4)
MLF® JA)
Still-Air ............................................................. 24°C/W
MLF® JB)
Junction-to-board ............................................ 12°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V.
2.375
2.5
2.625
V
VCC = 3.3V.
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC.
145
200
mA
RIN
Input Resistance (IN-to-VT)40
50
60
RDIFF_IN
Differential Input Resistance
80
100
120
(IN-to-/IN)
VIH
Input HIGH Voltage
VCC–1.2
VCC
V
(IN-to-/IN)
VIL
Input LOW Voltage
0
VIH–0.1
V
(IN-to-/IN)
VIN
Input Voltage Swing
See Figure 1a.
0.1
1.7
V
(IN-to-/IN)
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b.
0.2
V
(IN-to-/IN)
VT_IN
IN to VT (IN-to-/IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3 VCC–1.2 VCC–1.1
V
Notes:
1. Permanent device damage may occur if ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and functional
operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB. ΨJB uses 4-layer
θJA in still-air number unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
DC ELECTRICAL CHARACTERISTICS(5)
T
A= –40°C to +85°C, unless otherwise stated.


Similar Part No. - SY58037UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58037UMI MICREL-SY58037UMI Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037UMITR MICREL-SY58037UMITR Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037UMY MICREL-SY58037UMY Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037UMYTR MICREL-SY58037UMYTR Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results

Similar Description - SY58037UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com