Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58039UMG Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY58039UMG
Description  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58039UMG Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY58039UMG Datasheet HTML 4Page - Micrel Semiconductor SY58039UMG Datasheet HTML 5Page - Micrel Semiconductor SY58039UMG Datasheet HTML 6Page - Micrel Semiconductor SY58039UMG Datasheet HTML 7Page - Micrel Semiconductor SY58039UMG Datasheet HTML 8Page - Micrel Semiconductor SY58039UMG Datasheet HTML 9Page - Micrel Semiconductor SY58039UMG Datasheet HTML 10Page - Micrel Semiconductor SY58039UMG Datasheet HTML 11Page - Micrel Semiconductor SY58039UMG Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Precision Edge®
SY58039U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
INPUT AND OUTPUT STAGES
50Ω
50Ω
VCC
GND
/IN
VT
IN
Figure 2a. Simplified Differential Input Stage
VCC
/Q
Q
Figure 2b. Simplified LVPECL Output Stage
INPUT INTERFACE APPLICATIONS
LVPECL
IN
/IN
SY58039U
VCC
Rpd
Rpd
For 3.3V, Rpd = 100Ω.
For 2.5V, Rpd = 50Ω.
GND
GND
VT
VREF-AC
0.01µF
VCC
Figure 3b. LVPECL
Interface (AC-Coupled)
LVDS
IN
/IN
NC
NC
SY58039U
VCC
GND
VT
VREF-AC
Figure 3e. LVDS Interface
CML
IN
/IN
NC
SY58039U
VCC
GND
VT
VREF-AC
NC
Option: May connect VT to VCC.
Figure 3c. CML
Interface (DC-Coupled)
0.01µF
VCC
CML
IN
/IN
SY58039U
VCC
GND
VT
VREF-AC
Figure 3d. CML
Interface (AC-Coupled)
LVPECL
IN
/IN
SY58039U
VCC
0.01µF
VCC
Rpd
For VCC = 3.3V, Rpd = 50Ω.
For VCC = 2.5V, Rpd = 19Ω.
GND
VT
VREF-AC
NC
Figure 3a. LVPECL
Interface (DC-Coupled)


Similar Part No. - SY58039UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58039UMI MICREL-SY58039UMI Datasheet
295Kb / 13P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
SY58039UMITR MICREL-SY58039UMITR Datasheet
295Kb / 13P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58039UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com