Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58038UMGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58038UMGTR
Description  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58038UMGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY58038UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY58038UMGTR Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Precision Edge®
SY58038U
Micrel, Inc.
FUNCTIONAL CHARACTERISTICS
VCC = 3.3V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
1.25Gbps Output (Q – /Q)
TIME (200ps/div.)
200MHz Output (Q – /Q)
TIME (600ps/div.)
1.25GHz Output (Q – /Q)
TIME (100ps/div.)
2.5GHz Output (Q – /Q)
TIME (50ps/div.)
2.5Gbps Output (Q – /Q)
TIME (100ps/div.)
3.2Gbps Output (Q – /Q)
TIME (75ps/div.)


Similar Part No. - SY58038UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038UMGTR MICREL-SY58038UMGTR Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038UMGTR2 MICREL-SY58038UMGTR2 Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038UMGTR3 MICREL-SY58038UMGTR3 Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results

Similar Description - SY58038UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com