Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6808B-MFPG3Y Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U6808B-MFPG3Y
Description  Specia Fail-safe IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6808B-MFPG3Y Datasheet(HTML) 4 Page - ATMEL Corporation

  U6808B-MFPG3Y Datasheet HTML 1Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 2Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 3Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 4Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 5Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 6Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 7Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 8Page - ATMEL Corporation U6808B-MFPG3Y Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
4707B–AUTO–10/05
U6808B
5.
Description of the Watchdog
Figure 5-1.
Watchdog Block Diagram
5.1
Abstract
The microcontroller is monitored by a digital window watchdog which accepts an incoming trig-
ger signal of a constant frequency for correct operation. The frequency of the trigger signal can
be varied in a broad range as the watchdog's time window is determined by external R/C compo-
nents. The following description refers to the block diagram, see Figure 5-1.
5.2
WDI Input
The microcontroller has to provide a trigger signal with the frequency f
WDI which is fed to the WDI
input. A positive edge of f
WDI detected by a slope detector resets the binary counter and clocks
the up/down counter additionally. The latter one counts only from 0 to 3 or reverse. Each correct
trigger increments the up/down counter by 1, each wrong trigger decrements it by 1. As soon as
the counter reaches status 3 the RS flip-flop is set (see Figure 5-2). A missing incoming trigger
signal is detected after 250 clocks of the internal watchdog frequency f
RC (see section “WD-OK
Output”) and resets the up/down counter directly.
5.3
RCOSC Input
With an external R/C circuitry the IC generates a time base (frequency f
WDC) independent from
the microcontroller. The watchdog's time window refers to a frequency of
f
WDC = 100 × fWDI
5.4
OSCERR Input
A smart watchdog has to ensure that internal problems with its own time base are detected and
do not lead to an undesired status of the complete system. If the RC oscillator stops oscillating a
signal is fed to the OSCERR input after a time-out delay. It resets the up/down counter and dis-
ables the WD-OK output.
Without this reset function the watchdog would freeze in its current status when f
RC stops.
Slope
detector
Up/down
counter
Dual MUX
Binary counter
RS-FF
RCOSC
WDI
RESET
OSCERR
WD-OK


Similar Part No. - U6808B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
   Special Fail-safe IC
More results

Similar Description - U6808B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
   Special Fail-safe IC
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
ATMEL Corporation
U6813B ATMEL-U6813B Datasheet
291Kb / 15P
   Fail-safe IC with High-side and Relay Driver
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
U6813B ATMEL-U6813B_05 Datasheet
333Kb / 16P
   Fail-safe IC with High-side and Relay Driver
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
   Demonstrates Fail-Safe Operation
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
   ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com