Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58052UMITR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58052UMITR
Description  ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58052UMITR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY58052UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58052UMITR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Precision Edge®
SY58052U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
INPUT AND OUTPUT STAGE INTERNAL TERMINATION
50Ω
/CLK, /DATA
VCC
50Ω
CLK, DATA
VTCLK, VTD
Figure 1a. Simplified
Differential Input Stage
VCC
/RESET
R
R
Figure 1b. Simplified
TTL/CMOS Input
50Ω
50Ω
/Q
Q
VCC
Figure 1c. Simplified
Differential Output Stage
Definition of Single-Ended and Differential Swings
VIN, VOUT
400mV
(typical)
Figure 2a. Single-Ended Swing
800mV (typical)
VDIFF_IN, VDIFF_OUT
Figure 2b. Differential Swing
OPERATING CHARACTERISTICS
CLK
DATA
/RESET
Q
50%
50%
tS
tH
tRR
50%
50%
tpd
tpd


Similar Part No. - SY58052UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052UMITR MICREL-SY58052UMITR Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
More results

Similar Description - SY58052UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052AU MICREL-SY58052AU Datasheet
767Kb / 13P
   Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
SY58052U MICREL-SY58052U_10 Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY58051U MICREL-SY58051U_11 Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com