Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58602UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58602UMITR
Description  ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58602UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58602UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58602UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY58602U
Micrel, Inc.
M9999-022007
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ Guaranteed AC performance over temperature and
voltage:
• DC-to >10.7Gbps data rate throughput
• DC-to >7GHz clock f
MAX
• <250ps In-to-Out t
pd
•t
r /tf <70ps
■ Ultra low-jitter design:
• <1psRMS random jitter
• <10psPP deterministic jitter
• <10psPP total jitter (clock)
■ Minimum input swing 200mV (|IN–/IN|)
■ Unique, patent-pending input termination and VT pin
accepts DC- and AC-coupled inputs (CML, PECL,
LVDS)
■ Typical 400mV LVPECL output swing
■ Power supply 2.5V ±5% or 3.3V ±10%
■ –40°C to 85°C industrial temperature range
■ Available in an ultra-small (2mm ××××× 2mm) 8-pin MLF®
package
FEATURES
ULTRA-PRECISION DIFFERENTIAL
400mV LVPECL LINE DRIVER/RECEIVER
WITH INTERNAL TERMINATION
Precision Edge®
SY58602U
APPLICATIONS
■ Backplane buffering
■ OC-12 to OC-192 SONET/SDN clock/data distribution
■ All Gigabit Ethernet distribution
■ Fibre Channel distribution
Rev.: C
Amendment: /0
Issue Date:
February 2007
The SY58602U is a 2.5V/3.3V precision, high-speed,
differential receiver capable of handling clocks up to 7GHz
and data streams up to 10.7Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows users to interface to any
differential signal (AC- or DC-coupled) as small as 200mVpp
without any level shifting or termination resistor networks in
the signal path. The outputs are 400mV LVPECL, with
extremely fast rise/fall times guaranteed to be less than
70ps.
The SY58602U operates from a +2.5V ±5% supply or a
+3.3V ±10% supply and is guaranteed over the full industrial
temperature range of –40°C to +85°C. For applications that
require CML outputs, consider the SY58600U or for 800mV
LVPECL outputs the SY58601U. The SY58602U is part of
Micrel’s high-speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
VT
IN
/IN
50Ω
50Ω
Q
/Q
VREF-AC
100mV Input Swing
Input Waveform
SY58602U
Backplane
400mV Output Swing
100mV
Output Waveform
400mV


Similar Part No. - SY58602UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58602UMITR MICREL-SY58602UMITR Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
More results

Similar Description - SY58602UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58601U MICREL-SY58601U Datasheet
133Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 800mV LVPECL LINE DRIVER/RECEIVER
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com