Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58603UMG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58603UMG
Description  4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58603UMG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY58603UMG Datasheet HTML 2Page - Micrel Semiconductor SY58603UMG Datasheet HTML 3Page - Micrel Semiconductor SY58603UMG Datasheet HTML 4Page - Micrel Semiconductor SY58603UMG Datasheet HTML 5Page - Micrel Semiconductor SY58603UMG Datasheet HTML 6Page - Micrel Semiconductor SY58603UMG Datasheet HTML 7Page - Micrel Semiconductor SY58603UMG Datasheet HTML 8Page - Micrel Semiconductor SY58603UMG Datasheet HTML 9Page - Micrel Semiconductor SY58603UMG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY58603U
September 2006
6
M9999-092206-A
hbwhelp@micrel.com or (408) 955-1690
Functional Description
Fail-Safe Input (FSI)
The input includes a special failsafe circuit to sense
the amplitude of the input signal and to latch the
output when there is no input signal present, or when
the amplitude of the input signal drops sufficiently
below
100mVPK
(200mVPP),
typically
30mVPK.
Maximum frequency of SY58603U is limited by the
FSI function.
Input Clock Failure Case
If the input clock fails to a floating, static, or extremely
low signal swing, the FSI function will eliminate a
metastable condition and guarantee a stable output.
No ringing and no undetermined state will occur at the
output under these conditions.
Note that the FSI function will not prevent duty cycle
distortion in case of a slowly deteriorating (but still
toggling) input signal. Due to the FSI function, the
propagation delay will depend on rise and fall time of
the input signal and on its amplitude. Refer to “Typical
Characteristics” for detailed information.
Timing Diagrams
Figure 1a. Propagation Delay
Figure 1b. Fail Safe Feature


Similar Part No. - SY58603UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600UMGTR MICREL-SY58600UMGTR Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600UMITR MICREL-SY58600UMITR Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58601U MICREL-SY58601U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SY58603UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com