Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58607U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58607U
Description  3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58607U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58607U Datasheet HTML 1Page - Micrel Semiconductor SY58607U Datasheet HTML 2Page - Micrel Semiconductor SY58607U Datasheet HTML 3Page - Micrel Semiconductor SY58607U Datasheet HTML 4Page - Micrel Semiconductor SY58607U Datasheet HTML 5Page - Micrel Semiconductor SY58607U Datasheet HTML 6Page - Micrel Semiconductor SY58607U Datasheet HTML 7Page - Micrel Semiconductor SY58607U Datasheet HTML 8Page - Micrel Semiconductor SY58607U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
SY58607U
September 2006
3
M9999-092606-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)............................... –0.5V to +4.0V
Input Voltage (VIN) .......................................–0.5V to VCC
LVPECL Output Current(IOUT)
Continuous.......................................................50mA
Surge .............................................................100mA
Current (VT)
Source or sink on VT pin .............................±100mA
Input Current
Source or sink Current on (IN, /IN) ................±50mA
Current (VREF)
Source or sink current on VREF-AC
(4) ..............±1.5mA
Maximum operating Junction Temperature .......... 125°C
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) ....................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)........................ +2.375V to +3.60V
Ambient Temperature (TA) ................... –40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
Still-air (
θJA)........................................... 60°C/W
Junction-to-board (
ψJB) ......................... 33°C/W
DC Electrical Characteristics
(5)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
2.375
3.0
2.5
3.3
2.625
3.6
V
ICC
Power Supply Current
No load, max. VCC
40
60
mA
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input HIGH Voltage
(IN, /IN)
IN, /IN
1.2
VCC
V
VIL
Input LOW Voltage
(IN, /IN)
IN, /IN
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
see Figure 3a, Note 6
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
see Figure 3b
0.2
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VREF-AC
Output Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
IN to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
ψJB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
4. Due to the limited drive capability, use for input of the same package only.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIN (max) is specified when VT is floating.


Similar Part No. - SY58607U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58607U MICREL-SY58607U Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58607UMG MICREL-SY58607UMG Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58607UMGTR MICREL-SY58607UMGTR Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
More results

Similar Description - SY58607U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY89467U MICREL-SY89467U Datasheet
564Kb / 15P
   Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com