Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY69952ZC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY69952ZC
Description  OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY69952ZC Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY69952ZC Datasheet HTML 1Page - Micrel Semiconductor SY69952ZC Datasheet HTML 2Page - Micrel Semiconductor SY69952ZC Datasheet HTML 3Page - Micrel Semiconductor SY69952ZC Datasheet HTML 4Page - Micrel Semiconductor SY69952ZC Datasheet HTML 5Page - Micrel Semiconductor SY69952ZC Datasheet HTML 6Page - Micrel Semiconductor SY69952ZC Datasheet HTML 7Page - Micrel Semiconductor SY69952ZC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SY69952
7
Micrel, Inc.
M9999-062805
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Units
Condition
fREF
Reference Frequency
6.41
6.48
6.55
MHz
MODE = 0
19.24
19.44
19.64
MHZ
MODE = 1
fB
Bit Time(1)
19.5
19.3
19.1
ns
MODE = 0
6.50
6.43
6.36
ns
MODE = 1
tODC
Output Duty Cycle(2)
48
52
%
(TCLK±, RCLK±)
tRF
ECL Output Rise/Fall Tiime(2)
0.4
1.2
ns
5pf load, 50
Ω to VCC –2 (20% to 80%)
tLOCK
PLL Lock Time(2)
1
µs
RIN transition density 25%
tRPWH
REFCLK Pulse Width High
3.3
ns
MODE = 0
10
ns
MODE = 1
tRPWL
REFCLK Pulse Width Low
3.3
ns
MODE = 0
10
ns
MODE = 1
tDV
Data Valid
3
ns
Prior to RCLK+ rising edge
tDH
Data Hold
1
ns
After RCLK+ rising edge
tPD
Propagation Delay(3)
——
10
ns
(RIN to ROUT, TSER to TOUT)
VCC = +5V ±5%; VEE = GND = 0V, TA = 0°C to +85°C
AC ELECTRICAL CHARACTERISTICS
NOTES:
1. fB is calculated as 1/(fREF * 8).
2. Tested initially and after any design or process changes that may affect these parameters.
3. The ECL switching threshold is the differential zero crossing (ie, the point where + and – signals cross).
TIMING WAVEFORMS


Similar Part No. - SY69952ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69952ZC MICREL-SY69952ZC Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952ZC MICREL-SY69952ZC Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
More results

Similar Description - SY69952ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
MRV Communications, Inc...
SFP-OC3-CX MRV-SFP-OC3-CX Datasheet
65Kb / 3P
   Copper OC-3 SFP Transceiver
logo
List of Unclassifed Man...
TRV5467 ETC1-TRV5467 Datasheet
135Kb / 2P
   lightwave transceiver for OC-3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com