Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87700LHI Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY87700LHI
Description  3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87700LHI Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY87700LHI Datasheet HTML 1Page - Micrel Semiconductor SY87700LHI Datasheet HTML 2Page - Micrel Semiconductor SY87700LHI Datasheet HTML 3Page - Micrel Semiconductor SY87700LHI Datasheet HTML 4Page - Micrel Semiconductor SY87700LHI Datasheet HTML 5Page - Micrel Semiconductor SY87700LHI Datasheet HTML 6Page - Micrel Semiconductor SY87700LHI Datasheet HTML 7Page - Micrel Semiconductor SY87700LHI Datasheet HTML 8Page - Micrel Semiconductor SY87700LHI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SY87700L
4
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL DESCRIPTION
Clock Recovery
Clock Recovery, as shown in the block diagram generates
a clock that is at the same frequency as the incoming data
bit rate at the Serial Data input. The clock is phase aligned
by a PLL so that it samples the data in the center of the
data eye pattern.
The phase relationship between the edge transitions of
the data and those of the generated clock are compared by
a phase/frequency detector. Output pulses from the detector
indicate the required direction of phase correction. These
pulses are smoothed by an integral loop filter. The output of
the loop filter controls the frequency of the Voltage Controlled
Oscillator (VCO), which generates the recovered clock.
Frequency stability without incoming data is guaranteed
by an alternate reference input (REFCLK) that the PLL locks
onto when data is lost. If the Frequency of the incoming
signal varies by greater than approximately 1000ppm with
respect to the synthesizer frequency, the PLL will be declared
out of lock, and the PLL will lock to the reference clock.
The loop filter transfer function is optimized to enable the
PLL to track the jitter, yet tolerate the minimum transition
density expected in a received SONET data signal. This
transfer function yields a 30µs data stream of continuous
1's or 0's for random incoming NRZ data.
The total loop dynamics of the clock recovery PLL
provides jitter tolerance which is better than the specified
tolerance in GR-253-CORE.
Lock Detect
The SY87700L contains a link fault indication circuit which
monitors the integrity of the serial data inputs. If the received
serial data fails the frequency test, the PLL will be forced to
lock to the local reference clock. This will maintain the correct
frequency of the recovered clock output under loss of signal
or loss of lock conditions. If the recovered clock frequency
deviates from the local reference clock frequency by more
than approximately 1000ppm, the PLL will be declared out
of lock. The lock detect circuit will poll the input data stream
in an attempt to reacquire lock to data. If the recovered
clock frequency is determined to be within approximately
1000ppm, the PLL will be declared in lock and the lock
detect output will go active.


Similar Part No. - SY87700LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700LHI MICREL-SY87700LHI Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87700LHITR MICREL-SY87700LHITR Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
More results

Similar Description - SY87700LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com