Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87701L Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY87701L
Description  3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701L Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY87701L_06 Datasheet HTML 6Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 7Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 8Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 9Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 10Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 11Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 12Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 13Page - Micrel Semiconductor SY87701L_06 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SY87701L
11
Micrel, Inc.
M9999-111506
hbwhelp@micrel.com or (408) 955-1690
BILL OF MATERIALS (32-PIN EPAD-TQFP)
Item
Part Number
Manufacturer
Description
Qty
C1, C2
VJ0603Y105JXJAT
Vishay
1.0µF Ceramic Capacitor, Size 0603
2
X7R Dielectric, Loop Filter, Critical
C3, C4
VJ0603Y105JXJAT
Vishay
1.0µF Ceramic Capacitor, Size 0603
2
X7R Dielectric, Loop Filter, Optional
C5
ECS-T1ED226R
Panasonic
22µF Tantalum Electrolytic Capacitor, Size D
1
C6
ECU-V1H104KBW
Panasonic
0.1µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, Power Supply Decoupling
C7, C8, C9, C10
ECS-T1EC685R
Panasonic
6.8µF Tantalum Electrolytic Capacitor, Size C
4
C19
ECJ-3YB1E105K
Panasonic
1.0µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VEEA Decoupling
C11, C13
ECU-V1H104KBW
Panasonic
0.1µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VCCO/VCC Decoupling
C15, C17
ECU-V1H104KBW
Panasonic
0.1µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VCCA/VEEA Decoupling
C20
ECU-V1H104KBW
Panasonic
0.1µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VEEA Decoupling
C12, C14
ECU-V1H103KBW
Panasonic
0.01µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VCCO/VCC Decoupling
C16, C18
ECU-V1H103KBW
Panasonic
0.01µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VCCA/VEEA Decoupling
C21
ECU-V1H103KBW
Panasonic
0.01µF Ceramic Capacitor, Size 1206
1
X7R Dielectric, VEEA Decoupling
D1
1N4148
Diode
1
D2
P300-ND/P301-ND
Panasonic
T-1 3/4 Red LED
1
J1, J2, J3, J4, J5
142-0701-851
Johnson
Gold Plated, Jack, SMA, PCB Mount
12
J6, J7, J8, J9,
Components
J10, J11, J12
L1, L2, L3
BLM21A102F
Murata
Ferrite Beads, Power Noise Suppression
3
Q1
NTE123A
NTE
2N2222A Buffer/Driver Transistor, NPN
1
R1
350Ω Resistor, 2%, Size 0402
1
Loop Filter Component, Critical
R2
680Ω Resistor, 2%, Size 0402
1
Loop Filter Component, Critical
R3, R4, R5, R6
5kΩ Pull-up Resistors, 2%, Size 1206
8
R7, R8, R9, R10
R11
1kΩ Pull-down Resistor, 2%, Size 1206
1
R12
12kΩ Resistor, 2%, Size 1206
1
R13
130Ω Pull-up Resistor, 2%, Size 1206
1
SW1
206-7
CTS
SPST, Gold Finish, Sealed Dip Switch
1


Similar Part No. - SY87701L_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701LHG MICREL-SY87701LHG Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
SY87701LHGTR MICREL-SY87701LHGTR Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
SY87701LHI MICREL-SY87701LHI Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701LHI MICREL-SY87701LHI Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
SY87701LHITR MICREL-SY87701LHITR Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results

Similar Description - SY87701L_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com