Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87701ALHG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY87701ALHG
Description  3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701ALHG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY87701ALHG Datasheet HTML 3Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 4Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 5Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 6Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 7Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 8Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 9Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 10Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SY87701AL
7
Micrel, Inc.
M9999-111506
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) .................................. –0.5V to +4.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (V
CC) .............................. +3.15V to +3.45V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(3)
SOIC (θJA)
(4) ..................................................................... 80°C/W
EPAD TQFP (θJA)
(5)
0lfpm airflow ................................................. 27.6°C/W
200lfpm airflow ............................................. 22.6°C/W
500lfpm airflow ............................................. 20.7°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
3.15
3.3
3.45
V
ICC
Power Supply Current
120
160
mA
DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
VCC –1.165
VCC –0.880
V
VIL
Input LOW Voltage
VCC –1.810
VCC –1.475
V
VOH
Output HIGH Voltage
50Ω to VCC –2V
VCC –1.075
VCC –0.830
V
VOL
Output LOW Voltage
50Ω to VCC –2V
VCC –1.860
VCC –1.570
V
IIL
Input LOW Current
VIN = VIL(min)
0.5
µA
PECL 100K DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
IOH = –0.4mA
2.0
V
VOL
Output LOW Voltage
IOL = 4mA
0.5
V
IIH
Input HIGH Current
VIN = 2.7V, VCC = max.
–175
µA
VIN = VCC, VCC = max.
+100
µA
IIL
Input LOW Current
VIN = 0.5V, VCC = max.
–300
µA
IOS
Output Short Circuit Current
VOUT = 0V (maximum 1 sec)
–15
–100
mA
Notes:
1. Permanent device damage may occur if “Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to “Absolute Maximum Ratings” conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Airflow of 500lfpm recommended for 28-pin SOIC.
4. 28-pin SOIC package is NOT recommended for new designs.
5. Using JEDEC standard test boards with die attach pad soldered to PCB. See www.amkor.com for additional package details.
TTL DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY87701ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701ALHG MICREL-SY87701ALHG Datasheet
151Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results

Similar Description - SY87701ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com