Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87700LHGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87700LHGTR
Description  3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87700LHGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87700LHGTR Datasheet HTML 4Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 5Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 6Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 7Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 8Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 9Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 10Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 11Page - Micrel Semiconductor SY87700LHGTR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SY87700L
8
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fVCO
VCO Center Frequency
fREFCLK × Byte Rate
750
1250
MHz
∆fVCO
VCO Center Frequency Tolerance
Nominal
5
%
tACQ
Acquisition Lock Time
15
µs
tCPWH
REFCLK Pulse Width HIGH
4
ns
tCPWL
REFCLK Pulse Width LOW
4
ns
tir
REFCLK Input Rise Time
0.5
2
ns
tODC
Output Duty Cycle (RCLK/TCLK)
45
55
% of UI
tr, tf
ECL Output Rise/Fall Time
50Ω to VCC –2V
100
500
ps
(20% to 80%)
tSKEW
Recovered Clock Skew
–200
+200
ps
tDV
Data Valid
1/(2 × fRCLK) – 200
ps
tDH
Data Hold
1/(2 × fRCLK) – 200
ps
AC ELECTRICAL CHARACTERISTICS
TIMING WAVEFORMS
tCPWL
tCPWH
RDOUT
RCLK
REFCLK
tODC
tODC
tSKEW
tDV
tDH


Similar Part No. - SY87700LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700LHGTR MICREL-SY87700LHGTR Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
More results

Similar Description - SY87700LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com