Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT06N60 Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CMT06N60
Description  POWER FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CMT06N60 Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CMT06N60 Datasheet HTML 1Page - Champion Microelectronic Corp. CMT06N60 Datasheet HTML 2Page - Champion Microelectronic Corp. CMT06N60 Datasheet HTML 3Page - Champion Microelectronic Corp. CMT06N60 Datasheet HTML 4Page - Champion Microelectronic Corp. CMT06N60 Datasheet HTML 5Page - Champion Microelectronic Corp. CMT06N60 Datasheet HTML 6Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMT06N60
POWER FIELD EFFECT TRANSISTOR
2003/06/19
Preliminary Rev. 1.1
Champion Microelectronic Corporation
Page 2
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current - Continuous
Pulsed
ID
IDM
6.0
18
A
Gate-to-Source Voltage - Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
TO-220
TO-220FP
PD
125
45
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy - TJ = 25℃
(VDD = 100V, VGS = 10V, IL = 6A, L = 10mH, RG = 25Ω)
EAS
180
mJ
Thermal Resistance - Junction to Case
Junction to Ambient
θJC
θJA
1.0
62.5
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
260
(1) VDD = 50V, ID = 6A
(2) Pulse Width and frequency is limited by TJ(max) and thermal response
ORDERING INFORMATION
Part Number
Package
CMT06N60N220
TO-220
CMT06N60N220FP
TO-220FP
TEST CIRCUIT
Test Circuit – Avalanche Capability


Similar Part No. - CMT06N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT06N60 CHAMP-CMT06N60 Datasheet
246Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60N220 ETC-CMT06N60N220 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT06N60N220 CHAMP-CMT06N60N220 Datasheet
246Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60N220FP ETC-CMT06N60N220FP Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results

Similar Description - CMT06N60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com