Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5151-1.7EZD Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5151-1.7EZD
Description  VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5151-1.7EZD Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5151-1.7EZD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5151-1.7EZD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5151-1.7EZD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5151-1.7EZD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5151-1.7EZD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
First, the power dissipation must be calculated as follows:
Power Dissipation = (Vin - Vout) x Iout
Next, the user must select a maximum junction temperature.
The absolute maximum allowable junction temperature is 125°C.
The equation may now be rearranged to solve for the required
heat sink to ambient thermal resistance (R
θsa).
EXAMPLE:
An MSK 5151-3.3 is configured for Vin=+5V and
Vout=+3.3V. Iout is a continuous 1A DC level. The ambient
temperature is +25°C. The maximum desired junction tem-
perature is 125°C.
R
θjc = 1.5°C/W and Rθcs = 0.15°C/W for most thermal greases
Power Dissipation= (5V - 3.3V) x (1A)
= 1.7 Watts
Solve for R
θsa:
R
θsa =
125°C - 25°C
- 1.5°C/W - 0.15°C/W
In this example, a heat sink with a thermal resistance of no
more than 57°C/W must be used to maintain a junction tem-
perature of no more than 125°C.
APPLICATION NOTES
HEAT SINK SELECTION:
To select a heat sink for the MSK 5151, the following formula
for convective heat flow may be used.
Governing Equation:
Tj = Pd x (R
θjc + Rθcs + Rθsa) + Ta
WHERE:
Tj = Junction Temperature
Pd = Total Power Dissipation
R
θjc = Junction to Case Thermal Resistance
R
θcs = Case to Heat Sink Thermal Resistance
R
θsa = Heat Sink to Ambient Thermal Resistance
Ta = Ambient Temperature
REGULATOR PROTECTION:
The MSK 5151 series is fully protected against reversed input
polarity, overcurrent faults, overtemperature conditions (Pd) and
transient voltage spikes of up to 60V. If the regulator is used
in dual supply systems where the load is returned to a negative
supply, the output voltage must be diode clamped to ground.
DEVICE/CASE CONNECTION:
The MSK 5151 series are highly thermally conductive devices
and the thermal path from the package heat sink to the internal
junctions is very short. Since the case is electrically isolated
from the internal circuitry, the package can be directly con-
nected to a heat sink.
ENABLE PIN:
The MSK 5151 series of voltage regulators are equipped with a
TTL compatible ENABLE pin. A TTL high level on this pin acti-
vates the internal bias circuit and powers up the device. A TTL
low level on this pin places the controller in shutdown mode
and the device draws approximately 10µA of quiescent current.
If the enable function is not used, simply connect the enable pin
to the input.
LOAD CONNECTIONS:
In voltage regulator applications where very large load
cur-
rents are present, the load connection is very important. The
path connecting the output of the regulator to the load must be
extremely low impedance to avoid affecting the load regulation
specifications. Any impedance in this path will form a voltage
divider with the load.
OUTPUT CAPACITOR:
The output voltage ripple of the MSK 5151 series voltage regu-
lators can be minimized by placing a filter capacitor from the
output to ground. The optimum value for this capacitor may
vary from one application to the next, but a minimum of 20µF
is recommended for optimum performance. This capacitor need
not be an expensive low ESR type: aluminum electrolytics are
adequate. In fact, extremely low ESR capacitors may contrib-
ute to instability. Tantalum capacitors are recommended for
systems where fast load transient response is important. Tran-
sient load response can also be improved by placing a capaci-
tor directly across the load.
1.7W
3
Rev. A
1/06
= 57.17°C/W


Similar Part No. - MSK5151-1.7EZD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5150-00ETD MSK-MSK5150-00ETD Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00ETS MSK-MSK5150-00ETS Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00ETU MSK-MSK5150-00ETU Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00EZD MSK-MSK5150-00EZD Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5151-1.7EZD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 MSK-MSK5175 Datasheet
235Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com