Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87739L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY87739L
Description  PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87739L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY87739L Datasheet HTML 5Page - Micrel Semiconductor SY87739L Datasheet HTML 6Page - Micrel Semiconductor SY87739L Datasheet HTML 7Page - Micrel Semiconductor SY87739L Datasheet HTML 8Page - Micrel Semiconductor SY87739L Datasheet HTML 9Page - Micrel Semiconductor SY87739L Datasheet HTML 10Page - Micrel Semiconductor SY87739L Datasheet HTML 11Page - Micrel Semiconductor SY87739L Datasheet HTML 12Page - Micrel Semiconductor SY87739L Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
SY87739L
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
NdivSel2
NdivSel1
NdivSel0
Divisor
000
16
001
16
010
18
011
17
100
31
101
14
110
32
111
15
Table 4. NdivSel Divisor Control
P Divider
The output of the wrapper synthesizer is post divided
down before appearing at the CLKOUT± pins. Notice that,
given the range of the wrapper VCO (540MHz to 729MHz)
and the maximum and minimum division ratios of the P
divider (1 to 60, as shown in Table 5), the minimum and
maximum frequency of CLKOUT± is 10MHz and 729MHz
respectively.
PostDivSel Bit
43210
Divisor
00000
1
00001
3
00010
2
00011
3
00100
4
00101
5
00110
6
00111
7
01000
8
01001
9
01010
10
01011
11
01100
12
01101
13
01110
14
01111
15
10000
16
10001
18
10010
20
10011
22
10100
24
10101
26
10110
28
10111
30
11000
32
11001
36
11010
40
11011
44
11100
48
11101
52
11110
56
11111
60
Table 5. Setting to Program the Division Ratio
of the P Divider
The divisor value is selected via MicroWire™. The 5-bit
PostDivSel register determines the divisor value. It is set as
per Table 5. The SY87739L does not guarantee a 50%
duty cycle output. It is designed to provide well timed rising
edges only.
MicroWire™ Interface
This standard bit-serial interface eases interfacing the
SY87739L to microcontrollers. The SY87739L accepts one
data bit on PROGDI per rising edge on PROGSK. The data
is ignored when PROGCS is inactive low. When PROGCS
is active high, bits are shifted into the SY87739L. The falling
edge of PROGCS then initiates acquisition of the output
frequency defined by the 32-bit program just loaded into
the SY87739L.
This means that, if the user wishes to re-acquire based
on the same program, PROGCS needs to toggle high then
low.
Programming
To program the SY87739L to generate a certain
frequency:
1. Determine the required values of the programming
parameters, as summarized in Table 6.
2. Set PROGCS active high.
3. Shift in each of the 32 bits, as per Table 6. The fields
are loaded in sequence, from the first row to the last
row. For each multi-bit field, the most significant bit is
shifted in first. Shift the bits in through PROGDI,
clocking them with PROGSK edges.
4. Set PROGCS inactive low.
5. Wait for LOCKED to assert high.
Field
# Bits
Reference
Preamble
4
always "0000"
qp
5
Section: Gating the P/P-1 Divider
qpm1
5
Section: Gating the P/P-1 Divider
divsel
4
Table 1
mfg.
3
always "000"
PostDivSel
5
Table 5
NdivSel
3
Table 4
MdivSel
3
Table 3
Table 6. Programming Sequence
The SY87739L generates exact frequencies for common
serial data streaming protocols. Summary programming
information appears in the next section. The SY87739L also
enables Micrel’s SY87721L AnyRate™ CDR to decode
virtually anything within its range of operation, all from a
27.000MHz reference. Details about how to program the
SY87739L in the general case, including derivation of
programs for both the standard protocols and the AnyRate™
application, appear in an applications note.


Similar Part No. - SY87739L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739LHI MICREL-SY87739LHI Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739LHI MICREL-SY87739LHI Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHITR MICREL-SY87739LHITR Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739LHITR MICREL-SY87739LHITR Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
More results

Similar Description - SY87739L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com