Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88315BL Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88315BL
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88315BL Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88315BL Datasheet HTML 1Page - Micrel Semiconductor SY88315BL Datasheet HTML 2Page - Micrel Semiconductor SY88315BL Datasheet HTML 3Page - Micrel Semiconductor SY88315BL Datasheet HTML 4Page - Micrel Semiconductor SY88315BL Datasheet HTML 5Page - Micrel Semiconductor SY88315BL Datasheet HTML 6Page - Micrel Semiconductor SY88315BL Datasheet HTML 7Page - Micrel Semiconductor SY88315BL Datasheet HTML 8Page - Micrel Semiconductor SY88315BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
SY88315BL
November 2005
2
M9999-113005-C
hbwhelp@micrel.com or (408) 955-1690
Typical Application
Pin Configuration
16-Pin MLF
® (MLF-16)
10-Pin EPAD-MSOP (K10-2)
Ordering Information
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY88315BLEY
K10-2
Industrial
315B with Pb-Free bar line indicator
Matte-Sn
SY88315BLEYTR
(1)
K10-2
Industrial
315B with Pb-Free bar line indicator
Matte-Sn
SY88315BLMG
MLF-16
Industrial
315B with Pb-Free bar line indicator
NiPdAu
Pb-Free
SY88315BLMGTR
(1)
MLF-16
Industrial
315B with Pb-Free bar line indicator
NiPdAu
Pb-Free
Note:
1. Tape and Reel.


Similar Part No. - SY88315BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLEY MICREL-SY88315BLEY Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLEYTR MICREL-SY88315BLEYTR Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLMG MICREL-SY88315BLMG Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLMGTR MICREL-SY88315BLMGTR Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
More results

Similar Description - SY88315BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88345BL MICREL-SY88345BL Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com