Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88315BL Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88315BL
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88315BL Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88315BL Datasheet HTML 1Page - Micrel Semiconductor SY88315BL Datasheet HTML 2Page - Micrel Semiconductor SY88315BL Datasheet HTML 3Page - Micrel Semiconductor SY88315BL Datasheet HTML 4Page - Micrel Semiconductor SY88315BL Datasheet HTML 5Page - Micrel Semiconductor SY88315BL Datasheet HTML 6Page - Micrel Semiconductor SY88315BL Datasheet HTML 7Page - Micrel Semiconductor SY88315BL Datasheet HTML 8Page - Micrel Semiconductor SY88315BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY88315BL
November 2005
4
M9999-113005-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC).................................... 0V to +4.0V
Input Voltage (DIN, /DIN) ................................... 0 to VCC
Output Current (IOUT) ............................................+25mA
EN Voltage ......................................................... 0 to VCC
VREF Current ...........................................................+1mA
SDLVL Voltage ................................................ VREF to VCC
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) .....................-65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC).................................+3.0V to +3.6V
Ambient Temperature (TA) .......................–40°C to +85°C
Junction Temperature (TJ) .....................–40°C to +120°C
Junction Thermal Resistance
MLF
®
(
θJA) Still-air ................................................ 61°C/W
(
ΨJB)............................................................ 38°C/W
EPAD-MSOP
(
θJA) Still-air ................................................ 38°C/W
(
ΨJB)............................................................ 22°C/W
DC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
47
65
mA
SDLVL
SDLVL Voltage
VREF
VCC
V
VOH
CML Output HIGH Voltage
VCC-0.020 VCC-0.005
VCC
V
VOL
CML Output LOW Voltage
VCC = 3.3V
VCC-0.475 VCC-0.400 VCC-0.350
V
VOFFSET
Differential Output Offset
+80
mV
ZO
Single-Ended Output Impedance
40
50
60
ZI
Single-Ended Input Impedance
40
50
60
VREF
Reference Voltage
VCC-1.28
V
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
EN Input HIGH Voltage
2.0
V
VIL
EN Input LOW Voltage
0.8
V
IIH
EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
EN Input LOW Current
VIN = 0.5V
-0.3
mA
VOH
SD Output HIGH Level
VCC > 3.3V, IOH-MAX < 160uA
VCC < 3.3V, IOH-MAX < 160uA
2.4
2.0
V
V
VOL
SD Output LOW Level
IOL = +2mA
0.5
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB.
ΨJB
uses 4-layer (
θJA) in still-air-number, unless otherwise stated.


Similar Part No. - SY88315BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLEY MICREL-SY88315BLEY Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLEYTR MICREL-SY88315BLEYTR Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLMG MICREL-SY88315BLMG Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLMGTR MICREL-SY88315BLMGTR Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
More results

Similar Description - SY88315BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88345BL MICREL-SY88345BL Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com