Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88315BLEY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88315BLEY
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88315BLEY Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88315BLEY Datasheet HTML 1Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88315BLEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88315BL
November 2005
5
M9999-113005-C
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
60
120
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
10
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 18mVPP Figure 1
700
800
950
mVPP
TOFF
SD Release Time
2
10
µs
TON
SD Assert Time
2
10
µs
SDAL
Low SD Assert Level
RSDLVL = 15kΩ, Note 8
12
mVPP
SDDL
Low SD De-assert Level
RSDLVL = 15kΩ, Note 8
7.8
mVPP
HYSL
Low SD Hysteresis
RSDLVL = 15kΩ, Note 7
3.7
dB
SDAM
Medium SD Assert Level
RSDLVL = 5kΩ, Note 8
25
40
mVPP
SDDM
Medium SD De-assert Level
RSDLVL = 5kΩ, Note 8
10
17
mVPP
HYSM
Medium SD Hysteresis
RSDLVL = 5kΩ, Note 7
2
3.3
4.5
dB
SDAH
High SD Assert Level
RSDLVL = 100Ω, Note 8
69
95
mVPP
SDDH
High SD De-assert Level
RSDLVL = 100Ω, Note 8
30
45
mVPP
HYSH
High SD Hysteresis
RSDLVL = 100Ω, Note 7
2
3.7
4.5
dB
B-3dB
3dB Bandwidth
2
GHz
AV(Diff)
Differential Voltage Gain
32
38
dB
S21
Single-ended Small-Signal Gain
26
32
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (SD Assert/SD De-assert). The ratio between optical hysteresis and
electrical hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA
characteristics. Based on that ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-4.5dB, shown in
the AC characteristics table, will be 1dB-3dB Optical Hysteresis.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD assert and its
associated de-assert amplitude.


Similar Part No. - SY88315BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88315BLEY MICREL-SY88315BLEY Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88315BLEYTR MICREL-SY88315BLEYTR Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
More results

Similar Description - SY88315BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88345BL MICREL-SY88345BL Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com