Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88343BLEY Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88343BLEY
Description  3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88343BLEY Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88343BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 9Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY88343BL
February 2007
7
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88343BL low-power limiting post amplifier
operates from a single +3.3V power supply, over
temperatures from –40
oC to +85oC. Signals with data
rates up to 3.2Gbps and as small as 5mVPP can be
amplified. Figure 1 shows the allowed input voltage
swing. The SY88343BL generates a LOS output
allowing feedback to /EN for output stability. LOSLVL sets
the sensitivity of the input amplitude detection.
Input Amplifier/Buffer
Figure 2 shows a simplified schematic of the
SY88343BL’s input stage. The high-sensitivity of the
input amplifier allows signals as small as 5mVPP to be
detected and amplified. The input amplifier also allows
input signals as large as 1800mVPP. Input signals are
linearly amplified with a typical 38dB differential voltage
gain. Since it is a limiting amplifier, the SY88343BL
outputs typically 800mVPP voltage-limited waveforms for
input signals that are greater than 12mVPP. Applications
requiring the SY88343BL to operate with high-gain
should have the upstream TIA placed as close as
possible to the SY88343BL’s input pins. This ensures
the best performance of the device.
Output Buffer
The SY88343BL’s CML output buffer is designed to
drive 50Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50Ω
resistor to VCC for each output pin provides this. Figure 3
shows a simplified schematic of the output stage.
Loss-of-Signal
The SY88343BL generates a chatter-free LOS open-
collector TTL output with an internal 4.75kΩ pull-up
resistor, as shown in Figure 4. LOS is used to determine
that the input amplitude is large enough to be
considered a valid input. LOS asserts high if the input
amplitude falls below the threshold set by LOSLVL and
de-asserts low otherwise. LOS can be fed back to the
enable bar (/EN) input to maintain output stability under
a loss of signal condition. /EN de-asserts the true output
signal without removing the input signals. Typical, 3.5dB
LOS hysteresis is provided to prevent chattering.
Loss-of-Signal Level Set
A programmable LOS level set pin (LOSLVL) sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and LOSLVL sets the
voltage at LOSLVL. This voltage ranges from VCC to VREF.
The external resistor creates a voltage divider between
VCC and VREF, as shown in Figure 5.
Hysteresis
The SY88343BL provides typically 3.5dB LOS electrical
hysteresis. By definition, a power ratio measured in dB
is 10log (power ratio). Power is calculated as V
2
IN/R for
an electrical signal. Hence, the same ratio can be stated
as 20log (voltage ratio). While in linear mode, the
electrical voltage input changes linearly with the optical
power and therefore the ratios change linearly. Thus,
the optical hysteresis in dB is half the electrical
hysteresis in dB given in the data sheet. Since the
SY88343BL is an electrical device; this data sheet refers
to hysteresis in electrical terms. With 3.5dB LOS
hysteresis, a voltage factor of 1.5 is required to assert or
de-assert LOS.


Similar Part No. - SY88343BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343BLEY MICREL-SY88343BLEY Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BLEYTR MICREL-SY88343BLEYTR Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

Similar Description - SY88343BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com