Electronic Components Datasheet Search |
|
OPT-1250B2Q1AH Datasheet(PDF) 4 Page - Delta Electronics, Inc. |
|
OPT-1250B2Q1AH Datasheet(HTML) 4 Page - Delta Electronics, Inc. |
4 / 10 page OPT-1250xxxx Series DELTA ELECTRONICS, INC. 4 Sep., 2006 Rev. 0G www.deltaww.com Multi-Mode Series Transceiver (OPT-1250A1F1x, OPT-1250A2F2x, OPT-1250A4F1x) (At recommended ambient operating temperature, TA and supply voltage, VCC; Data Rate=1.25Gb/sec, PRBS=2 7-1 NRZ, 62.5/125um MMF) Parameter Symbol Min. Typ. Max. Unit Note Transmitter Output Optical Power (Avg.) PO -9.5 -4 dBm Optical Extinction Ratio ER 9 dB Center Wavelength λC 830 850 860 nm Spectral Width (RMS) σ 0.85 nm Optical Rise/Fall time tr/tf 0.26 ns 1 Relative Intensity Noise RIN -117 dB/Hz Output Eye Complies with the IEEE 802.3z/D2 specification, and is class 1 laser eye safety Receiver Sensitivity (Avg.) PIN -17 dBm 2 Input Optical Wavelength λ 850 nm Signal Detect-Asserted (Avg.) PA -17 dBm Signal Detect-De-asserted (Avg.) PD -30 dBm Signal Detect-Hysteresis PA-PD 0.5 dB Receiver saturation power PSAT -4 dBm Notes: 8. These are 20%~80% values 9. The sensitivity is provided at a BER of 1×10 -10 or better with an input signal consisting of 1250Mb/s, 2 7-1 PRBS. Mask of the eye diagram for the optical transmit signal |
Similar Part No. - OPT-1250B2Q1AH |
|
Similar Description - OPT-1250B2Q1AH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |