Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88893VKGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY88893VKGTR
Description  3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88893VKGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY88893VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88893VKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SY88893V
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
DATA+
2.5mV (Min.)
900mV (Max.)
5mVp-p (Min.)
1800mVp-p (Max.)
DATA—
(DATA+) — (DATA—)
VIS(mVp-p)
VID(mVp-p)
Figure 1. V
IS and VID Definitions
GND
VCC
ESD
STRUCTURE
/DIN
DIN
Figure 2. Input Structure
GND
VCC
/DOUT
ESD
STRUCTURE
DOUT
Figure 3. Output Structure
SY88893V
SD
6.75k
VCC
Figure 4. SD Output Structure
RSDLVL
SDLVL
VCC
VREF
3k
Figure 5. SD
LVL Setting Circuit


Similar Part No. - SY88893VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KC MICREL-SY88802KC Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KCTR MICREL-SY88802KCTR Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KI MICREL-SY88802KI Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KITR MICREL-SY88802KITR Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88893VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com