Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3245PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBT3245PW
Description  Octal bus switch with output enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3245PW Datasheet(HTML) 4 Page - NXP Semiconductors

  CBT3245PW Datasheet HTML 1Page - NXP Semiconductors CBT3245PW Datasheet HTML 2Page - NXP Semiconductors CBT3245PW Datasheet HTML 3Page - NXP Semiconductors CBT3245PW Datasheet HTML 4Page - NXP Semiconductors CBT3245PW Datasheet HTML 5Page - NXP Semiconductors CBT3245PW Datasheet HTML 6Page - NXP Semiconductors CBT3245PW Datasheet HTML 7Page - NXP Semiconductors CBT3245PW Datasheet HTML 8Page - NXP Semiconductors CBT3245PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Preliminary specification
CBT3245
Octal bus switch with output enable
1998 Dec 08
4
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40°C to +85°C
UNIT
Min
Typ1
Max
VIK
Input clamp voltage
VCC = 4.5V; II = –18mA
–1.2
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±5
µA
ICC
Quiescent supply current2
VCC = 5.5V; IO = 0, VI = VCC or GND
50
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V, one input at 3.4V, other inputs at
VCC or GND
3.5
mA
CI
Control pins
VI= 3V or 0, OE = VCC
3
pF
CIO(OFF)
Power-off leakage current
VO = 3V or 0
6
pF
3
VCC = 4.5V; V1 = 0V; II = 64mA
5
7
ron3
On-resistance
VCC = 4.5V; V1 = 0V; II = 30mA
5
7
VCC = 4.5V; V1 = 2.4V; II = 15mA
10
15
NOTES:
1. All typical values are at VCC = 5V, TA = 25 C
2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND
3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (A or B) terminals.
AC CHARACTERISTICS
GND = 0V; tR; CL = 50pF
74CBT3245
SYMBOL
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Max
tpd
Propagation delay1
A or B
B or A
.25
ns
ten
Output enable time
to High and Low level
OE
A or B
ns
tdis
Output disable time
from High and Low level
OE
A or B
ns
NOTES:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).


Similar Part No. - CBT3245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
logo
Nexperia B.V. All right...
CBT3245A NEXPERIA-CBT3245A Datasheet
214Kb / 10P
   Octal bus switch
Rev. 6 - 21 March 2022
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
NXP Semiconductors
CBT3245ABQ PHILIPS-CBT3245ABQ Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
logo
Nexperia B.V. All right...
CBT3245ABQ NEXPERIA-CBT3245ABQ Datasheet
214Kb / 10P
   Octal bus switch
Rev. 6 - 21 March 2022
More results

Similar Description - CBT3245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
   8-bit bus switch with output enable
Rev. 2-15 December 2011
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
   10-bit bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com