Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM56701 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM56701
Description  10-PORT 10-GIGABIT ETHERNET AND 8-PORT HIGIG2/10GBE MULTILAYER SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM56701 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM56701 Datasheet HTML 1Page - Broadcom Corporation. BCM56701 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
56801-PB01-R
03/24/06
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among the
trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/
or the EU. Any other trademarks or trade names mentioned are the property of their respective owners.
48-Port GbE + 10-Port 10-GbE L2/L3 Switch with BCM56801, BCM56701, and BCM56502
The BCM56801 network switch is a high-density, 10-Gigabit Ethernet
switching chip solution with 18 ports. Ten ports can support 10-GbE or
1-GbE. The other eight ports can flexibly support HiGig2/HiGig+/
HiGig/10-GbE/1-GbE. Additionally, the BCM56801 integrates all the
SerDes required to interface to applicable copper and fiber physical
interfaces.
The integrated SerDes functionality includes 10-Gbps XAUI and 1-Gbps
SGMII PHY interfaces. The integrated SerDes complies with the CX-4
standard and PICMG3.1 standard, which ensures interoperability with
Ethernet line cards in an Advanced TCA chassis.
With 196 Gbps of aggregate switching bandwidth, the BCM56801
represents the highest level of Ethernet switching integration in the
industry. This integration allows embedded switching vendors to provide
next-generation products at 10-GbE speeds, as well as an ideal fit into
current design form factors. This capability has many benefits, including
reducing vendor development cost and creating additional value in
current generation systems through upgradability.
The BCM56801's low power dissipation simplifies board design and
optimizes vendor board space.
The advanced ContentAware engine supports ToS/DiffServ, policy-
based routing, priority tagging, and remapping. The advanced packet
filtering and classification functions of the BCM56801 make it a
seamless fit utility for computing applications where user segregation
and network security is critical.
In addition, the BCM56801 provides advanced security features that
improve network resiliency and reliability. Moreover, the BCM56801
features advanced load balancing functionality that uses flow
information to provide high-percentage link utilization.
The BCM56801 supports L2 switching with 4K VLANs, IPv4, and IPv6
full routing functionality, enabling it to become a direct extension of the
enterprise network. This provides additional customer value by
eliminating the hardware and management costs of maintaining
intermediate routers.
As the latest member of the StrataXGS switch family, the BCM56801
Software Development kit preserves software continuity with Gigabit
Ethernet switches, reducing development cost and shortening the
product time-to-market.
The BCM56801 implements congestion handling features such as Head-
Of-Line blocking prevention and IEEE 802.3x flow control.
In addition to a 32-bit PCI interface used to communicate with a local
CPU, the BCM56801 supports an I2C controller for communicating with
external devices such as serial EEPROM, flash memories, and parallel
port devices.
The BCM56801 relies on Broadcom’s modular switching architecture to
provide intelligent packet processing, network security and enhanced
manageability at a low cost. The BCM56801 is an ideal solution for next-
generation, high-speed embedded switching applications, such as Blade
Servers and Advanced TCA computer platforms.
Together with the BCM56700 as a centralized fabric, the BCM56801
can also be used to build cost-effective high-density 10-GbE switches.
BCM56701
HiGig+
BCM56502
BCM56502
BCM56801
24x1-GbE
10x10-GbE
24x1-GbE


Similar Part No. - BCM56701

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670 Datasheet
171Kb / 28P
   A Scalable Approach to Gigabit Ethernet Switch Design
BCM5670 BOARDCOM-BCM5670 Datasheet
129Kb / 2P
   8-PORT, 160 Gbps SWITCH FABRIC
BCM56700 BOARDCOM-BCM56700 Datasheet
172Kb / 2P
   FOUR-PORT 10-GBE/HIGIG MULTILAYER SWITCH
BCM56700 BOARDCOM-BCM56700 Datasheet
130Kb / 2P
   16-PORT, 192-GBPS LOSSLESS SWITCH FABRIC
BCM56700 BOARDCOM-BCM56700 Datasheet
114Kb / 2P
   16-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH
More results

Similar Description - BCM56701

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56800 BOARDCOM-BCM56800 Datasheet
148Kb / 2P
   20-PORT 10-GIGABIT ETHERNET MULTILAYER SWITCH
BCM56803 BOARDCOM-BCM56803 Datasheet
106Kb / 2P
   12-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH
BCM56802 BOARDCOM-BCM56802 Datasheet
114Kb / 2P
   16-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH
BCM5674 BOARDCOM-BCM5674 Datasheet
139Kb / 2P
   MULTILAYER 2-PORT 10 GIGABIT ETHERNET AND HiGig??SWITCH
BCM56101 BOARDCOM-BCM56101 Datasheet
639Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
logo
Axiomtek Co., Ltd.
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
   Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
   10-Port Layer 2 Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
logo
Broadcom Corporation.
BCM56302 BOARDCOM-BCM56302 Datasheet
198Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303 BOARDCOM-BCM56303 Datasheet
229Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIGPORTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com