Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM94311 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM94311
Description  AIRFORCE 54G 802.11A/B/G PCI EXPRESS CLIENT REFERENCE DESIGN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM94311 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM94311 Datasheet HTML 1Page - Broadcom Corporation. BCM94311 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
94311-PB01-R
03/15/06
Broadcom®, the pulse logo, Connecting everything®, BroadRange™, 54g®, 125 High Speed Mode™,
SecureEasySetup™, and the Connecting everything logo are among the trademarks of Broadcom
Corporation and/or its affiliates in the United States, certain other countries and/or the EU. Any other
trademarks or trade names mentioned are the property of their respective owners.
BCM94311 Functional Block Diagram
BCM94311 Specifications
Item
Description
Interface
USB 1.1 Host interface, PCIe™, GPIO, UART, JTAG
System bus support
PCIe
Standard
IEEE 802.11g with external radio BCM2050, 802.11a with external radio BCM2060
Data rate
802.11g: 54, 48, 36, 24, 18, 12, 9, 6 Mbps; 802.11b, 11, 5.5, 2, 1 Mbps
Modulation
OFDM, CCK, DQPSK, DBPSK
Network architectures
Infrastructure and ad hoc
Operating frequencies
2.4 GHz—2.497 GHz, 4.9 GHz —5.85 GHz with 2060 option
Operating channels
11 for North America; 13 for Europe, and 14 for Japan
RF output power
20 dBm maximum
Antenna connectors
Hardware diversity support—Transmit and Receive
Power requirements
3.3V for reference designs
Security
802.1x; WEP; WEP2; WPA, WPA2; TKIP; WEP128; Weak-key avoidance; CCX, CCX 2.0; 128-bit OCB mode AES, 802.11i
Software support
Microsoft
® WHQL certified for Windows XP, Windows 2000, Windows Me, WindowsSE, and Linux operating systems.
Certifications
IEEE 802.11 compliant; WI-FI CERTIFIED™; ACPI power management
TxBalun
RxBalun
FEM
SPROM
Threshold
Detector
& Switch
Switching
Regulator
Supply
Filtering
Crystal
VAUX
RF Connector
Main Antenna
RF Connector
Aux Antenna
PCIE
RF filtering
Tx/Rx, Ant. Sel. ctrl
TSSI
BCM4311
IEEE 802.11a/b/g
Baseband/MAC &
System Interface
BCM2050 or
BCM2060
IEEE 802.11b/g
or 802.11a Radio
ORDERING INFORMATION
• BCM4311: 196-pin package
• BCM94311: Reference design


Similar Part No. - BCM94311

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM94317 BOARDCOM-BCM94317 Datasheet
399Kb / 1P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94318 BOARDCOM-BCM94318 Datasheet
256Kb / 2P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94318E BOARDCOM-BCM94318E Datasheet
409Kb / 2P
   AIRFORCE ONE SINGLE-CHIP 802.11 REFERENCE DESIGN
More results

Similar Description - BCM94311

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
AWK-1137C MOXA-AWK-1137C Datasheet
1Mb / 7P
   Industrial 802.11a/b/g/n wireless client
logo
List of Unclassifed Man...
PH11107 ETC2-PH11107 Datasheet
491Kb / 18P
   802.11A/B/G MINI PCI CARD
logo
Moxa Inc.
AWK-3131A-RTG MOXA-AWK-3131A-RTG Datasheet
1Mb / 8P
   Industrial IEEE 802.11a/b/g/n wireless AP/client
AWK-3131A-RCC MOXA-AWK-3131A-RCC Datasheet
770Kb / 7P
   Industrial IEEE 802.11a/b/g/n wireless AP/client
logo
List of Unclassifed Man...
W415 ETC2-W415 Datasheet
38Kb / 1P
   IEEE 802.11a/b/g Wireless Mini PCI
logo
Broadcom Corporation.
BCM94318 BOARDCOM-BCM94318 Datasheet
256Kb / 2P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
logo
Moxa Inc.
AWK-3131A MOXA-AWK-3131A Datasheet
855Kb / 6P
   Industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
logo
Broadcom Corporation.
BCM94317 BOARDCOM-BCM94317 Datasheet
399Kb / 1P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
logo
Moxa Inc.
AWK-4131A MOXA-AWK-4131A Datasheet
974Kb / 7P
   Outdoor industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
AWK-1131A MOXA-AWK-1131A Datasheet
676Kb / 6P
   Entry-level industrial IEEE 802.11a/b/g/n wireless AP/client
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com