Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM94318E Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM94318E
Description  AIRFORCE ONE SINGLE-CHIP 802.11 REFERENCE DESIGN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM94318E Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM94318E Datasheet HTML 1Page - Broadcom Corporation. BCM94318E Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
94318E-PB02-R
03/08/06
Broadcom®, the pulse logo, AirForce One™, Xpress™, 125 High Speed Mode™, OneDriver™,
SecureEZSetup™, BroadRange™, Connecting everything®, and the Connecting everything logo are
among the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other
countries and/or the EU. Any other trademarks or trade names mentioned are the property of their
respective owners.
BCM94318E Integration
20 MHz
SPROM
2.4 GHz
CMOS Direct
Conversion
Radio
BCM4318E
WEP/AES Encryption
IEEE
802.11a/g
BB
MAC
Host I/F:
CF,
SDIO,
PCMCIA,
PCI
BroadRange
DSP
Buffers
Host I/F
GPIO
1.8V
3.3V
LPF
LPF
Power
Amp
Diversity
Switch
T/R
Switch
BCM2060 and FE
(Optional IEEE 802.11a)
Balun
Balun
BCM94318E Specifications
Interface
PCI, SDIO/SPI
System Bus Support
PCI, CardBus, Compact Flash, EBI
Standard
IEEE 802.11g, 802.11a with external radio BCM2060
Data Rate
802.11g: 54, 48, 36, 24, 18, 12, 9, 6 Mbps; 802.11b, 11, 5.5, 2, 1 Mbps
Modulation
OFDM, CCK, DQPSK, DBPSK
Network Architectures
Infrastructure and ad hoc
Operating Frequencies
2.4 GHz—2.497 GHz, 4.9 GHz —5.85 GHz with 2060 option
Operating Channels
11 for North America; 13 for Europe, and 14 for Japan
RF Output Power
20 dBm maximum
Antenna Connectors
Hardware diversity support - Transmit and Receive
Power Requirements
1.8V (3.3V for ref designs)
Power Consumption
Average Standby < 20 mW
Security
802.1x; WEP; WEP2; WPA, WPA2; TKIP; Weak-key avoidance; CCX, CCX 2.0; 128-bit OCB mode AES, 802.11i
Dimensions
12mm x 12mm 196-pin pkg., 10mm x 10mm 144-pin pkg
Software Support
Microsoft WHQL certified for Windows XP, Windows 2000, Windows Me, and WindowsSE operating systems. Embedded drivers for Linux and
VxWorks operating systems
Certifications
IEEE 802.11 compliant; Wi-Fi CERTIFIED™; ACPI power management
Ordering Information
• BCM94318E: 196-pin package (adds UART, PCI/CardBus, and BCM2060 interfaces)
• BCM94318E: 144-pin package


Similar Part No. - BCM94318E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM94318 BOARDCOM-BCM94318 Datasheet
256Kb / 2P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
More results

Similar Description - BCM94318E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM94318 BOARDCOM-BCM94318 Datasheet
256Kb / 2P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94317 BOARDCOM-BCM94317 Datasheet
399Kb / 1P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
logo
Cypress Semiconductor
BCM4318EKFBG CYPRESS-BCM4318EKFBG Datasheet
1Mb / 54P
   AirForce One??Chip 802.11g MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM94311 BOARDCOM-BCM94311 Datasheet
407Kb / 2P
   AIRFORCE 54G 802.11A/B/G PCI EXPRESS CLIENT REFERENCE DESIGN
BCM4326 BOARDCOM-BCM4326 Datasheet
117Kb / 2P
   AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
BCM4328 BOARDCOM-BCM4328 Datasheet
117Kb / 2P
   AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
   Single-Phase Energy Meter Reference Design
2011
logo
Roithner LaserTechnik G...
JET-870-05 ROITHNER-JET-870-05 Datasheet
516Kb / 2P
   single chip design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com