Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3989SEV-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3989SEV-T
Description  Bipolar Stepper and High Current DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3989SEV-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3989SEV-T Datasheet HTML 1Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 2Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 3Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 4Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 5Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 6Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 7Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 8Page - Allegro MicroSystems A3989SEV-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Bipolar Stepper and High Current DC Motor Driver
A3989
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS1, valid at TA = 25 °C, VBB = 36 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Load Supply Voltage Range
VBB
Operating
8.0
36
V
Logic Supply Voltage Range
VDD
Operating
3.0
5.5
V
VDD Supply Current
IDD
7
10
mA
Output On Resistance (dc motor driver)
RDS(on)dc
Source driver, IOUT = –1. A, TJ = 5°C
350
450
Sink driver, IOUT = 1. A, TJ = 5°C
350
450
Output On Resistance (stepper motor
driver)
RDS(on)st
Source driver, IOUT = –1. A, TJ = 5°C
700
800
Sink driver, IOUT = 1. A, TJ = 5°C
700
800
Vf, Outputs
IOUT = 1. A
1.
V
Output Leakage
IDSS
Outputs, VOUT = 0 to VBB
–0
0
µA
VBB Supply Current
IBB
IOUT = 0 mA, outputs on, PWM = 50 kHz,
DC = 50%
8
mA
Control Logic
Logic Input Voltage
VIN(1)
0.7×VDD
V
VIN(0)
0.3×VDD
V
Logic Input Current
IIN
VIN = 0 to 5 V
–0
<1.0
0
µA
Input Hysteresis
Vhys
150
300
500
mV
Propagation Delay Times
tpd
PWM change to source on
350
550
1000
ns
PWM change to source off
35
300
ns
PWM change to sink on
350
550
1000
ns
PWM change to sink off
35
50
ns
Crossover Delay
tCOD
300
45
1000
ns
Blank Time (dc motor driver)
tBLANKdc
.5
3.
4
µs
Blank Time (stepper motor driver)
tBLANKst
0.7
1
1.3
µs
VREFx Pin Input Voltage Range
VREFx
Operating
0.0
1.5
V
VREFx Pin Reference Input Current
IREF
VREF = 1.5
±1
μA
Current Trip-Level Error3
VERR
VREF = 1.5, phase current = 100%
–5
5
%
VREF = 1.5, phase current = 67%
–5
5
%
VREF = 1.5, phase current = 33%
–15
15
%
Protection Circuits
VBB UVLO Threshold
VUV(VBB)
VBB rising
7.3
7.6
7.9
V
VBB Hysteresis
VUV(VBB)hys
400
500
600
mV
VDD UVLO Threshold
VUV(VDD)
VDD rising
.65
.8
.95
V
VDD Hysteresis
VUV(VDD)hys
75
105
15
mV
Thermal Shutdown Temperature
TJTSD
155
165
175
°C
Thermal Shutdown Hysteresis
TJTSDhys
15
°C
1
For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.

Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for indi-
vidual units, within the specified maximum and minimum limits.
3
VERR = [(VREF/3) – VSENSE] / (VREF/3).
DC Control Logic
PHASE
ENABLE
MODE
OUTA
OUTB
Function
1
1
1
H
L
Forward (slow decay SR)
1
1
0
H
L
Forward (fast decay SR)
0
1
1
L
H
Reverse (slow decay SR)
0
1
0
L
H
Reverse (fast decay SR)
X
0
1
L
L
Brake (slow decay SR)
1
0
0
L
H
Fast decay SR*
0
0
0
H
L
Fast decay SR*
* To prevent reversal of current during fast decay SR – the outputs will go to the high impedance state as the current gets near zero.


Similar Part No. - A3989SEV-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3989_V ALLEGRO-A3989_V Datasheet
382Kb / 13P
   Bipolar Stepper and High Current DC Motor Driver
More results

Similar Description - A3989SEV-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5989 ALLEGRO-A5989 Datasheet
775Kb / 14P
   Bipolar Stepper and High-Current DC Motor Driver
A3989_V ALLEGRO-A3989_V Datasheet
382Kb / 13P
   Bipolar Stepper and High Current DC Motor Driver
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
TMC246B-PA TRINAMIC-TMC246B-PA Datasheet
727Kb / 28P
   High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
logo
New Japan Radio
NJU7384 NJRC-NJU7384 Datasheet
192Kb / 10P
   Pulse Input Bipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com