Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6276ELW-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A6276ELW-T
Description  16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6276ELW-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A6276ELW-T Datasheet HTML 6Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 7Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 8Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 9Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 10Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 11Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 12Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 13Page - Allegro MicroSystems A6276ELW-T Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
6276
16-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
www.allegromicro.com
10
TERMINAL DESCRIPTION
Terminal No.
Terminal Name
Function
1
GND
Reference terminal for control logic.
2
SERIAL DATA IN
Serial-data input to the shift-register.
3
CLOCK
Clock input terminal for data shift on rising edge.
4
LATCH ENABLE
Data strobe input terminal; serial data is latched with high-level input.
5-20
OUT0-15
The 16 current-sinking output terminals.
21
OUTPUT ENABLE
When (active) low, the output drivers are enabled; when high, all output
drivers are turned OFF (blanked).
22
SERIAL DATA OUT
CMOS serial-data output to the following shift-register.
23
REXT
An external resistor at this terminal establishes the output current for all sink
drivers.
24
SUPPLY
(VDD) The logic supply voltage (typically 5 V).
The products described here are manufactured under one or more
U.S. patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be
required to permit improvements in the performance, reliability, or
manufacturability of its products. Before placing an order, the user is
cautioned to verify that the information being relied upon is current.
Allegro products are not authorized for use as critical components
in life-support devices or systems without express written approval.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsi-
bility for its use; nor for any infringement of patents or other rights of
third parties which may result from its use.


Similar Part No. - A6276ELW-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6276ELW ALLEGRO-A6276ELW Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6276ELW ALLEGRO-A6276ELW Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276ELWTR-T ALLEGRO-A6276ELWTR-T Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
More results

Similar Description - A6276ELW-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6278 ALLEGRO-A6278_07 Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com