Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5222 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5222
Description  10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5222 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5222_04 Datasheet HTML 1Page - Broadcom Corporation. BCM5222_04 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
5222-PB05-R
07/01/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
Lowest-Power Fast Ethernet PHY
With a power dissipation of less than 195 mW per port, the BCM5222 is
the industry’s lowest-power Fast Ethernet PHY. In addition, the
BCM5222 has several intelligent power-down states that conserve
power, yet allow products based on it to automatically turn on when
needed.
The BCM5222 includes a unique Intelligent Power-Management feature
that powers down the device if energy is not detected on the cable. The
energy detect feature is especially useful for portable and power-
sensitive applications, as the BCM5222 draws virtually no energy if the
cable is not plugged in and the client is not connected to the network.
This results in noticeably extended battery life for portable applications,
and increases product reliability due to decreased power dissipation. For
lowest power consumption, the BCM5222 can be put in a power-off state
(<2.0 mW).
Network Tolerance
The BCM5222 includes features that simplify the installation and
maintenance of local area networks. One such feature is the HP Auto-
MDIX capability, which automatically detects and corrects crossed
cables. With HP Auto-MDIX, the installer does not need to know what
is on the other side of the network cable: the BCM5222 automatically
switches its transmit and receive circuitry to accommodate the link
partner’s polarity.
Cable-sourced electrostatic discharge (CESD) is a recently discovered
phenomenon that occurs when an electrically charged network cable is
plugged into a networked product, an issue becoming more prevalent
with recent cable installations. The BCM5222 has been designed and
tested to withstand over 9 KV of CESD, which unlike other transceivers,
prevents the device from being destroyed in a CESD event.
DSP-Based PHY Technology
The BCM5222 builds on Broadcom’s proven DSP PHY design and full
custom circuit design techniques to create a highly integrated and robust
physical layer solution. DSP techniques allow the BCM5222 to achieve
high interoperability and to exhibit robust performance across
temperature (-40 to 85C°), voltage, and process variations. Broadcom’s
DSP-based, Digi-PHY™ technology has been proven in the shipment of
over 450,000,000 Fast Ethernet ports. Broadcom’s superior quality has
resulted in a failure rate well under 10 PPM.
Applications
• IP Phones
• Backplane Bus Communication
• Embedded Telecom
• Print Servers
5
4
4
TXD[1:2]
TXEN[1:2]
TXER[1:2]
TXC[1:2]
COL[1:2]
RXC[1:2]
CRS[1:2]
RXDV[1:2]
RXD[1:2]
RXER[1:2]
ACTLED#[1:2]
LNKLED#[1:2]
FDXLED#[1:2]
MODES
MDC
MDIO
XTALO
XTALI
RDAC
JTAG
SPDLED#[1:2]
TD+[1:2]
RD+[1:2]
Auto
MDIX
Multimode
Xmt DAC
Baseline
Wander
Correction
ADC
Digital
Adaptive
Equalizer
CRS/Link
Detection
Clock
Generator
Clock
Recovery
Bias
Generator
JTAG
Test Logic
Auto-Negotiation
/Link Integrity
MII
Registers
MII
Mgmt
Control
LED
Drivers
100BASE-X
PCS
10BASE-X
PCS


Similar Part No. - BCM5222_04

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5222 BOARDCOM-BCM5222_05 Datasheet
1Mb / 76P
   Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
More results

Similar Description - BCM5222_04

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5222 BOARDCOM-BCM5222 Datasheet
117Kb / 1P
   10/100BASE-TX DUAL-PORT DIGI-PHYTM TRANSCEIVER
logo
List of Unclassifed Man...
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5221 BOARDCOM-BCM5221 Datasheet
201Kb / 1P
   10/100BASE TX SINGLE CHANNEL SIGNI PHY TRANSCEIVER
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
   SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220 Datasheet
126Kb / 2P
   10/100BASE-TX SINGLE-CHANNEL SIGNI-PHY-TM TRANSCEIVER
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
   10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
logo
XFMRS Inc.
XFATM8Q3 XFMRS-XFATM8Q3_10 Datasheet
94Kb / 1P
   Dual port 10/100BASE-TX Module
XFATM8Q3A XFMRS-XFATM8Q3A Datasheet
54Kb / 1P
   DUAL PORT 10/100BASE-TX MODULE
logo
API Technologies Corp
7248 APITECH-7248 Datasheet
319Kb / 1P
   10/100Base-TX DUAL PORT MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com