Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88922KG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88922KG
Description  SDH/SONET 2.5Gbps LASER DIODE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922KG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88922KG Datasheet HTML 1Page - Micrel Semiconductor SY88922KG Datasheet HTML 2Page - Micrel Semiconductor SY88922KG Datasheet HTML 3Page - Micrel Semiconductor SY88922KG Datasheet HTML 4Page - Micrel Semiconductor SY88922KG Datasheet HTML 5Page - Micrel Semiconductor SY88922KG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY88922
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ Up to 2.5Gbps operation
■ 25mA peak drive current
■ Separate modulation control
■ Separate output enable for laser safety
■ Differential inputs for data
■ 75Kinput pulldown resistor
■ Designed for use with SY88923, SY88904 or SY88905
■ Available in a tiny 10-pin (3mm) MSOP
The SY88922 is a high-speed current switch for driving
a semiconductor laser diode in optical transmission
applications. The output current, or modulation current
IMOD, is DC current controlled by IRSET, current through
the resistor RSET. The output OUT is HIGH when output
enable is HIGH.
The device incorporates complementary open collector
outputs with a capability of driving peak current of 25mA.
The resistor REXT must be placed between /OUT and
VCC to dissipate the worst case power. RSER is
recommended to compensate for laser diode matching
issues.
The SY88922 utilizes the high performance bipolar
ASSET™ technology.
FEATURES
SDH/SONET 2.5Gbps
LASER DIODE DRIVER
BLOCK DIAGRAM
SY88922
■ 1.25Gbps Gigabit Ethernet
■ 531Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter
■ 2.5Gb/s SDH/SONET
APPLICATIONS
DIN
VCC
REXT
OUT
OUT
RSER
to Laser Diode
DIN
Modulation Control
Internal Logic
BIAS
Control
EN
IMOD
VREF
40X
RSET
GND
VCC
GND
RSET
Rev.: D
Amendment: /0
Issue Date:
September 2006


Similar Part No. - SY88922KG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922KG MICREL-SY88922KG Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KGTR MICREL-SY88922KGTR Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results

Similar Description - SY88922KG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3869 MAXIM-MAX3869 Datasheet
468Kb / 16P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
19-1570; Rev 0; 12/99
MAX3869 MAXIM-MAX3869_V01 Datasheet
679Kb / 15P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com