Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88922V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88922V
Description  5V/3.3V 2.5Gbps LASER DIODE DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88922V Datasheet HTML 1Page - Micrel Semiconductor SY88922V Datasheet HTML 2Page - Micrel Semiconductor SY88922V Datasheet HTML 3Page - Micrel Semiconductor SY88922V Datasheet HTML 4Page - Micrel Semiconductor SY88922V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY88922V
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1
/EN
Enable. This PECL 100k compatible input enables Laser Driver. Modulation current goes
to zero when asserted HIGH.
2, 3
DIN, /DIN
Differential PECL 100k compatible inputs which receive NRZ data.
4
VREF
Voltage reference for use with RSET.
5
RSET
An external resistor sets up the source current for modulation IMOD.
6
VCC
Most positive power supply input.
7
GND
Ground.
8, 9, 10
/OUT, OUT
Open collector outputs from the modulation buffer drive these differential current outputs.
PIN DESCRIPTION
RSET
VCC
6
5
1
/EN
DIN
/DIN
VREF
10 OUT
OUT
/OUT
GND
9
8
7
2
3
4
10-Pin MSOP (K10-1)
D/D
/EN
OUT (2)
/OUT
LH
LH
L
H
LLL
H
XX
H
H
L
Notes:
1. L = LOW, H = HIGH, X = don't care.
2. H = IOUT = 0mA.
TRUTH TABLE(1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88922VKC
K10-1
Commercial
SY88922V
Sn-Pb
SY88922VKCTR(2)
K10-1
Commercial
SY88922V
Sn-Pb
SY88922VKG
K10-1
Industrial
SY88922V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88922VKGTR(2)
K10-1
Industrial
SY88922V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Die is guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.


Similar Part No. - SY88922V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922VKC MICREL-SY88922VKC Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922VKCTR MICREL-SY88922VKCTR Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922VKG MICREL-SY88922VKG Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922VKGTR MICREL-SY88922VKGTR Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
More results

Similar Description - SY88922V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273 Datasheet
984Kb / 15P
   3.3V, 2.5Gbps Low-Power Laser Driver
19-2081; Rev 1; 12/02
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com