Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88922VKGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88922VKGTR
Description  5V/3.3V 2.5Gbps LASER DIODE DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922VKGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88922VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88922VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88922VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88922VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88922VKGTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY88922V
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
IMOD =10mA; GND = 0V; VCC = +5V ±10% or VCC = +3.3V ±10%; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tpd D
Propagation Delay (DIN – OUT)
400
ps
tpd EN
Propagation Delay (/EN – OUT)
400
ps
tr, tf
Rise/Fall Time(8)
74
130
ps
(20% to 80%)
IOR
Output Current Ringing(9)
10
%
DJ
Deterministic Jitter(10)
7psrms
Notes:
7. REXT = RSER = 25Ω ±1%; RSER connects to VCC directly without Laser Diode.
8. IMOD = 10mA.
9. IOH = 5 to 25mA.
10. IMOD = 10mA, 2.5Gbps, 2
23–1 pattern.
AC ELECTRICAL CHARACTERISTICS(7)
TYPICAL CHARACTERISTICS
0
10
20
30
40
0.0
1.0
2.0
3.0
4.0
5.0
R
SET(kΩ)
I
OUT
vs. R
SET
V
CC = 3.3V
V
CC = 5.0V


Similar Part No. - SY88922VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922VKGTR MICREL-SY88922VKGTR Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
More results

Similar Description - SY88922VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273 Datasheet
984Kb / 15P
   3.3V, 2.5Gbps Low-Power Laser Driver
19-2081; Rev 1; 12/02
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com