Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88923AVKG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88923AVKG
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923AVKG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88923AVKG Datasheet HTML 1Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 2Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 3Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 4Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 5Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 6Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 7Page - Micrel Semiconductor SY88923AVKG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88923AV
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
V
CC =+5V ±10% or +3.3V ±10%; RL = 50Ω to VCC –2V; TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VID
Input Voltage Range
5
1800
mV
PP
VOD
Differential Output Voltage Swing
Note 4
VID = 15mVPP
1400
mV
PP
VID = 5mVPP
600
mV
PP
tON
LOS Assert Time
Note 5
0.2
0.5
µs
tOFF
LOS Release Time
Note 5
0.1
0.5
µs
VSR
LOS Sensitivity Range
223–1 pattern
5
50
mV
PP
HYS
LOS Hysteresis
223–1 pattern
2
4.6
8
dB
tr, tf
Output Rise/Fall Time
VID > 100mVPP
115
150
ps
VID < 100mVPP
trin,tfin
Notes:
4. Input is a 200MHz square wave, t
r < 300ps.
5. Input is a 200MHz square wave, t
r < 300ps, 1.8VPP.
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY88923AVKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923KC MICREL-SY88923KC Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88923AVKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993V MICREL-SY88993V_05 Datasheet
65Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com