Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD03P Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # STD03P
Description  Darlington Transistors for Audio Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STD03P Datasheet(HTML) 5 Page - Allegro MicroSystems

  STD03P Datasheet HTML 1Page - Allegro MicroSystems STD03P Datasheet HTML 2Page - Allegro MicroSystems STD03P Datasheet HTML 3Page - Allegro MicroSystems STD03P Datasheet HTML 4Page - Allegro MicroSystems STD03P Datasheet HTML 5Page - Allegro MicroSystems STD03P Datasheet HTML 6Page - Allegro MicroSystems STD03P Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Darlington Transistors for Audio Amplifiers
STD03N and
STD03P
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
STD03N
Terminal
Configuration
STD03P
Terminal
Configuration
15.6 ±0.3
15.8 ±0.2
4.8 ±0.2
1.7 ±0.1
Terminal dimensions at case surface
Terminal dimension
at case surface
Terminal dimension at lead tips
1.74
+0.2
–0.1
1.34
+0.2
–0.1
1.05
+0.2
–0.1
0.65
+0.2
–0.1
2
+0.2
–0.1
Gate Burr
Branding
XXXXXXXX
XXXXXXXX
Gate burr: 0.3 mm (max.), mold flash may appear at opposite side
Terminal core material: Cu
Terminal treatment: Ni plating and solder dip
Heat sink material: Cu
Heat sink treatment: Ni plating
Leadform: 2804
Weight (approximate): 6.0 g
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line, type: STD03X
Where: X is the transistor type (N or P)
2nd line, lot:
YMDD H
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the 2-digit date
H is the hFE rating (O or Y; for values see
footnote, Electrical Characteristics table)
12345
4×P2.54 ±0.6 = 10.16 ±0.8
4×P2.54 ±0.1 = (10.16)
12345
PACKAGE OUTLINE DRAWING, TO-3P
Leadframe plating Pb-free. Device composition
includes high-temperature solder (Pb >85%),
which is exempted from the RoHS directive.


Similar Part No. - STD03P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
   Darlington Transistor with built-in compensation diodes
More results

Similar Description - STD03P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STD02N SANKEN-STD02N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
STD03N SANKEN-STD03N Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD01N SANKEN-STD01N Datasheet
290Kb / 9P
   Darlington Transistors for Audio Amplifiers
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Fairchild Semiconductor
BD159STU FAIRCHILD-BD159STU Datasheet
44Kb / 4P
   For T.V Radio Audio Output Amplifiers
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com