Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM8011 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM8011
Description  FOUR-CHANNEL 3.125 GIGABIT ETHERNET CMOS TRANSCEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8011 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM8011_04 Datasheet HTML 1Page - Broadcom Corporation. BCM8011_04 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM8011
®
FOUR-CHANNEL 3.125 GIGABIT ETHERNET CMOS TRANSCEIVER
Application Diagram
Support for four channels of 3.125 GigaBaud per second (GBd)
resulting in an effective aggregate data rate of 10 Gigabits per
second (Gbps)
Support for the 10 Gigabit attachment unit (XAUI) and 10
Gigabit media independent interface (XGMII) proposed by the
IEEE 802.3ae standards
Less than 3 ps Root Mean Square (RMS) transmit jitter using
Broadcom’s LC-VCO technology
32 bytes of de-skewing capability for the channels
32-bit parallel interface compatible to SSTL_2/HSTL (1.5)
Class I EIA/JEDEC specifications
On-chip phase-locked loop (PLL), providing clock synthesis
from 156.25 MHz clock references
Optional 8B/10B encoder and 10B/8B decoder in each channel
Parallel or serial loopback modes
Built-In Self-Test (BIST) capability
Termination resistors on-chip
Implemented in a 0.18µ standard CMOS process technology
(1.8V and 2.5V supplies)
2.5W nominal power
324-pin FBGA package (19 mm x 19 mm)
BCM8002
BCM8002
BCM8002
BCM8002
BCM8002
BCM8002
µP
BCM5632
Switch
Processor
BCM8011
XAUI-XGMII
Transceiver
TBI
XGMII
XAUI
Memory
1G Modules
10 GbE
Backplane
Enables data transfer rate of 10 Gbps over metropolitan
network when used with wavelength division multiplexing
(WDM) or XAUI interface to a serial 10-Gbps laser module.
Ultra-low transmitter jitter on each channel results in a longer
cable reach (in excess of 40 km).
EyeOpenerTM adaptive equalizer extends the speed and reach
of copper traces over FR4 backplane.
Adaptive equalization and ultra-low receiver jitter enhance
the receive eye pattern, which results in a superb bit-error rate
(BER).
Easy-to-use programming of the global configuration registers
facilitates the design of the system. It provides enable/disable
functions such as PLL lock, channel synchronization, VCO
bypass, serial and loopback modes for self-diagnosis, and
selecting source-centered and source-synchronous clocking.
In-system at-speed link and on-board Built-In-Self-Test
(BIST) is available using programmable pseudo-random bit
sequence (PRBS) and programmable pattern comparators.
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Similar Part No. - BCM8011_04

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8011 BOARDCOM-BCM8011 Datasheet
137Kb / 1P
   FOUR CHANNEL 3.125 GIGABIT ETHERNET CMOS TRANSCEIVER
More results

Similar Description - BCM8011_04

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8011 BOARDCOM-BCM8011 Datasheet
137Kb / 1P
   FOUR CHANNEL 3.125 GIGABIT ETHERNET CMOS TRANSCEIVER
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
CPCI-6620 ETC2-CPCI-6620 Datasheet
396Kb / 1P
   Four Gigabit Ethernet egress ports
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com