Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88993AV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88993AV
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88993AV Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88993AV Datasheet HTML 1Page - Micrel Semiconductor SY88993AV Datasheet HTML 2Page - Micrel Semiconductor SY88993AV Datasheet HTML 3Page - Micrel Semiconductor SY88993AV Datasheet HTML 4Page - Micrel Semiconductor SY88993AV Datasheet HTML 5Page - Micrel Semiconductor SY88993AV Datasheet HTML 6Page - Micrel Semiconductor SY88993AV Datasheet HTML 7Page - Micrel Semiconductor SY88993AV Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88993AV
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5V ±10%, RLOAD = 50Ω to VCC
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
HYS
LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
PSRR
Power Supply(1)
——
35
dB
Rejection Ratio
t
OFFL
LOS Release Time(2)
0.5
0.5
0.1
0.5
0.5
µs
Minimum Input
t
OFFH
LOS Release Time(2)
0.5
0.5
0.1
0.5
0.5
µs
Maximum Input
t
ONL
LOS Assert Time(2)
0.5
0.5
0.2
0.5
0.5
µs
t
r
Differential Output(3)
120
120
60
120
120
ps
t
f
Rise/Fall Time (20%-80%)
V
ID
Input Voltage Range
4
1800
4
1800
4
1800
4
1800
mV
PP
V
OD
Differential Output
600
600
600
800(5)
1200
600
mV
PP
Voltage Swing(4)
V
SR
LOS Sensitivity Range
4
50
4
50
4
50
4
50
mV
PP
Output Spec (D
OUT and /DOUT)
V
OH
Output HIGH Voltage
V
CC –20
V
CC
V
CC –20
V
CC
V
CC –20
V
CC –5
V
CC
V
CC –20
V
CC
mV
V
OL
Output LOW Voltage(6)
V
CC –300
V
CC –300
V
CC –400
V
CC –300
V
CC –300
mV
Z
O
Single-Ended Output(7)
40
60
40
60
40
50
60
40
60
Impedance
Input Spec (D
IN and /DIN)
A
V(Diff)
Differential Voltage
39
dB
Gain
B
–3dB
3dB Bandwidth
2.5
GHz
S
21
Single-Ended Small
26
26
26
33
26
dB
Signal-Gain
Notes:
1. Input referred noise = RMS output noise/low frequency gain. Input referred, 55MHz.
2. Input is a 200MHz square wave, t
r < 300ps, 1.8VPP.
3. With input signal V
ID > 50mVPP with 50Ω load.
4. Input is a 200MHz square wave, t
r < 300ps, 50Ω load.
5. V
ID > 10mVPP.
6. Output levels are based on 50Ω impedance. If the load impedance is different, the output level will be changed.
7. See output structure.


Similar Part No. - SY88993AV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88993AVKC MICREL-SY88993AVKC Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AVKG MICREL-SY88993AVKG Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88993AVKGTR MICREL-SY88993AVKGTR Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
More results

Similar Description - SY88993AV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993V MICREL-SY88993V_05 Datasheet
65Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com